Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM5259 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM5259
Description  40-DOT SEGMENT DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5259 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM5259 Datasheet HTML 1Page - OKI electronic componets MSM5259 Datasheet HTML 2Page - OKI electronic componets MSM5259 Datasheet HTML 3Page - OKI electronic componets MSM5259 Datasheet HTML 4Page - OKI electronic componets MSM5259 Datasheet HTML 5Page - OKI electronic componets MSM5259 Datasheet HTML 6Page - OKI electronic componets MSM5259 Datasheet HTML 7Page - OKI electronic componets MSM5259 Datasheet HTML 8Page - OKI electronic componets MSM5259 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MSM5259
¡ Semiconductor
4/18
ABSOLUTE MAXIMUM RATINGS
Parameter
Supply Voltage (1)
Symbol
Condition
Rating
Unit
VDD
–0.3 to +6.5
V
Supply Voltage (2)
VDD – V5
Ta = 25°C
0 to +6.5
V
Input Voltage
VI
–0.3 to VDD +0.3
V
Storage Temperature
TSTG
–55 to +150
°C
*1
RECOMMENDED OPERATING CONDITIONS
Parameter
Supply Voltage (1)
Symbol
Condition
Rnage
Unit
VDD
3.5 to 6.0
V
Static
2.5 to 6.0
Supply Voltage (2)
VDD – V5
2.5 to 6.0
V
Operating Temperature
Top
–30 to +85
°C
Dynamic
*1
*2
*1 VDD > V2 > V3 > V5 > VSS (Dynamic display)
VDD = V3 > V2 = V5 = VSS (Static display)
For VDD of less than 3.5V, the device is available only for static operation.
*2 VDD is the reference potential for the LCD driving voltage.
To determine the LCD driving voltage, change the value of V5. (0V Minimum)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com