Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM5259 Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM5259
Description  40-DOT SEGMENT DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5259 Datasheet(HTML) 5 Page - OKI electronic componets

  MSM5259 Datasheet HTML 1Page - OKI electronic componets MSM5259 Datasheet HTML 2Page - OKI electronic componets MSM5259 Datasheet HTML 3Page - OKI electronic componets MSM5259 Datasheet HTML 4Page - OKI electronic componets MSM5259 Datasheet HTML 5Page - OKI electronic componets MSM5259 Datasheet HTML 6Page - OKI electronic componets MSM5259 Datasheet HTML 7Page - OKI electronic componets MSM5259 Datasheet HTML 8Page - OKI electronic componets MSM5259 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MSM5259
¡ Semiconductor
5/18
ELECTRICAL CHARACTERISTICS
DC Characteristics (1)
2
3
1
3
Parameter
"H" Input Voltage
Symbol
Condition
Min.
Typ.
Max.
Unit
VIH
0.8VDD
—VDD
V
"L" Input Voltage
VIL
0
0.2VDD
V
"H" Input Current
IIH
VIH = VDD
——
1
m
A
"L" Input Current
IIL
VIL = 0V
–1
m
A
"H" Output Voltage
VOH
IO = –40mA
4.2
V
"L" Output Voltage
VOL
IO = 0.4mA
0.4
V
ON Resistance
RON
VDD–V5= 5V
|VN–VO| = 0.25V
——
5
kW
Supply Current
IDD
fCP = 0Hz, No load
0.5
mA
*1
*1
*1
*1
*2
*2
*3
*4
(VDD = 5V±10%, Ta=–30 to +85°C)
*1 Applicable to DF, LOAD, DI1 and DI21.
*2 Applicable to DO20 and DO40.
*3 Applicable to O1 to O40.
*4 Dynamic display : VN = VDD to V5, V2 =
(VDD – V5), V3 =
(VDD – V5)
Static display : VN = VDD to V5, V3 = VDD, V2 = V5 = VSS
DC Characteristics (2)
(Only for static operation)
Parameter
"H" Input Voltage
Symbol
Condition
Min.
Typ.
Max.
Unit
VIH
0.8VDD
—VDD
V
"L" Input Voltage
VIL
0
0.2VDD
V
"H" Input Current
IIH
VIH = VDD
——
1
m
A
"L" Input Current
IIL
VIL = 0V
–1
m
A
"H" Output Voltage
VOH
IO = –40mA
2.2
V
"L" Output Voltage
VOL
IO = 0.2mA
0.4
V
ON Resistance
RON
V3 = VDD = 3V, V2 = V5 = VSS = 0V,
| VN–VO | = 0.25V
——10
kW
Supply Current
IDD
fCP = 0Hz, No load
0.5
mA
*1
*1
*1
*1
*5
*5
*6
(VDD = 3V±0.5V, Ta=–30 to +85°C)
*5 Applied to DO20 and DO40.
*6 Applied to O1 to O40.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com