Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM5259 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM5259
Description  40-DOT SEGMENT DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5259 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM5259 Datasheet HTML 2Page - OKI electronic componets MSM5259 Datasheet HTML 3Page - OKI electronic componets MSM5259 Datasheet HTML 4Page - OKI electronic componets MSM5259 Datasheet HTML 5Page - OKI electronic componets MSM5259 Datasheet HTML 6Page - OKI electronic componets MSM5259 Datasheet HTML 7Page - OKI electronic componets MSM5259 Datasheet HTML 8Page - OKI electronic componets MSM5259 Datasheet HTML 9Page - OKI electronic componets MSM5259 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MSM5259
¡ Semiconductor
6/18
Switching Characteristics (1)
Parameter
"H", "L" Propagation Delay Time
Symbol
Condition
Min.
Typ.
Max.
Unit
tPLH, tPHL
250
ns
Clock Frequency
fCP
Duty = 50%
3.3
MHz
Clock Pulse Width
tW (CP)
125
ns
Load Pulse Width
tW (L)
125
ns
Data Set-up Time DI Æ CP
tSETUP
50——
ns
Data Hold Time DI Æ CP
tHOLD
50——
ns
(VDD = 5V±10%, Ta=–30 to +85°C, CL=15pF)
CP Æ LOAD Set-up Time
tCL
250
ns
LOAD Æ CP Hold Time
tLC
0—
ns
CP Rise/Fall Time
tr(CP), tf(CP)
——50
ns
LOAD Rise/Fall Time
tr(L), tf(L)
——
1
m
s
Switching Characteristics (2)
Parameter
"H", "L" Propagation Delay Time
Symbol
Condition
Min.
Typ.
Max.
Unit
tPLH, tPHL
800
ns
Clock Frequency
fCP
Duty = 50%
1.0
MHz
Clock Pulse Width
tW (CP)
300
ns
Load Pulse Width
tW (L)
300
ns
DI Æ CP Set-up Time
tSETUP
200
ns
DI Æ CP Hold Time
tHOLD
200
ns
(VDD = 3V±0.5V, Ta=–30 to +85°C, CL=15pF)
CP Æ LOAD Set-up Time
tCL
800
ns
LOAD Æ CP Hold Time
tLC
0—
ns
CP Rise/Fall Time
tr(CP)
——
1
m
s
LOAD Rise/Fall Time
tr(L), tf(L)
——
1
m
s
(Only for static operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com