Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM5259 Datasheet(PDF) 14 Page - OKI electronic componets

Part # MSM5259
Description  40-DOT SEGMENT DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5259 Datasheet(HTML) 14 Page - OKI electronic componets

Back Button MSM5259 Datasheet HTML 10Page - OKI electronic componets MSM5259 Datasheet HTML 11Page - OKI electronic componets MSM5259 Datasheet HTML 12Page - OKI electronic componets MSM5259 Datasheet HTML 13Page - OKI electronic componets MSM5259 Datasheet HTML 14Page - OKI electronic componets MSM5259 Datasheet HTML 15Page - OKI electronic componets MSM5259 Datasheet HTML 16Page - OKI electronic componets MSM5259 Datasheet HTML 17Page - OKI electronic componets MSM5259 Datasheet HTML 18Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
V5
V3
VDD
V2
O1
CP
DI1
DF
LOAD
VSS(GND)
COM
COM
MSM4069
32-120HZ
Duty
50%
COMMON
SIGNAL
DATA IN
SHIFT
CLOCK
LOAD
DO20 DI21
MSM5259
O40
DO40
+5V
V5
V3
VDD
V2
O1
CP
DI1
DF
LOAD
VSS(GND)
DO20 DI21
MSM5259
O40
+5V
80-DOT LCD PANEL
Seg40
Seg1
Seg80
Seg41
The MSM5259 is applicable to a static LCD by setting V2 and V5 at ground level, connecting V3 to VDD and
inputting COMMON SIGNAL to DF pin.
This sample application circuit below is the case when the MSM5259 is applied to an 80-bit LCD panel by connecting
two MSM5259s in series.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com