Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM5259 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM5259
Description  40-DOT SEGMENT DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5259 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM5259 Datasheet HTML 1Page - OKI electronic componets MSM5259 Datasheet HTML 2Page - OKI electronic componets MSM5259 Datasheet HTML 3Page - OKI electronic componets MSM5259 Datasheet HTML 4Page - OKI electronic componets MSM5259 Datasheet HTML 5Page - OKI electronic componets MSM5259 Datasheet HTML 6Page - OKI electronic componets MSM5259 Datasheet HTML 7Page - OKI electronic componets MSM5259 Datasheet HTML 8Page - OKI electronic componets MSM5259 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MSM5259
¡ Semiconductor
1/18
GENERAL DESCRIPTION
The MSM5259 is a dot matrix LCD segment driver which is fabricated using low power CMOS
metal gate technology. This LSI consists of 40-bit shift register, 40-bit latch and 40-bit 4-level
driver.
It converts serial data, which is received from an LCD controller LSI, to parallel data and outputs
LCD driving waveforms to LCD.
Expansion of the display can be easily made according to the number and structure of characters.
Since the 40-bit shift register of this device consists of two 20-bit shift registers, it is possible to
allot bits efficiently according to the number of characters.
The MSM5259 can drive a variety of LCD panels because the bias voltage, which determines the
LCD driving voltage, can be optionally supplied from the external source. For static operation
only, the device is available with a power supply voltage of 2.5V or more.
FEATURES
• Supply voltage
: 3.5 to 6.0V (Dynamic display)
: 2.5 to 6.0V (Static display)
• LCD driving voltage : 2.5 to 6.0V (Static display)
• Applicable LCD duty : 1/8 to 1/16
• Interface with MSM6222-xx (Dot matrix LCD controller with 16-dot common driver and 40-
dot segment driver)
• Bias voltage can be supplied externally.
• Package options:
56-pin plastic QFP (QFP56-P-910-0.65-K) (Product name : MSM5259GS-K)
56-pin plastic QFP (QFP56-P-910-0.65-L2) (Product name : MSM5259GS-L2)
56-pin plastic QFP (QFP56-P-910-0.65-2K) (Product name : MSM5259GS-2K)
56-pin plastic QFP (QFP56-P-910-0.65-2L2) (Product name : MSM5259GS-2L2)
¡ Semiconductor
MSM5259
40-DOT SEGMENT DRIVER
E2B0019-27-Y2
This version: Nov. 1997
Previous version: Mar. 1996


Similar Part No. - MSM5259

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5256 OKI-MSM5256 Datasheet
114Kb / 5P
CMOS IC
MSM5256RS OKI-MSM5256RS Datasheet
114Kb / 5P
CMOS IC
More results

Similar Description - MSM5259

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6407C NJRC-NJU6407C Datasheet
310Kb / 10P
DOT MATRIX LCD 40-OUT SEGMENT DRIVER
NJU6407CR NJRC-NJU6407CR Datasheet
315Kb / 10P
DOT MATRIX LCD 40-OUT SEGMENT DRIVER?
logo
OKI electronic componet...
ML9040 OKI-ML9040 Datasheet
434Kb / 47P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM5839B OKI-MSM5839B Datasheet
128Kb / 11P
40-DOT SEGMENT DRIVER
MSM5839B1111 OKI-MSM5839B1111 Datasheet
134Kb / 7P
DOT MATRIX LCD 40 DOT SEGMENT DRIVER
MSM5839C OKI-MSM5839C Datasheet
102Kb / 9P
40-DOT SEGMENT DRIVER
MSM6222B OKI-MSM6222B Datasheet
390Kb / 45P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
logo
Holtek Semiconductor In...
HT1602 HOLTEK-HT1602 Datasheet
215Kb / 6P
40 Dot Matrix LCD Segment Driver
28th Aug 98
HT1602L HOLTEK-HT1602L Datasheet
106Kb / 7P
40 Dot Matrix LCD Segment Driver
September 1, 2000
logo
OKI electronic componet...
ML9040A OKI-ML9040A Datasheet
435Kb / 49P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com