Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950401 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS950401
Description  AMD - K8TM System Clock Chip
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950401 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS950401 Datasheet HTML 1Page - Integrated Circuit Systems ICS950401 Datasheet HTML 2Page - Integrated Circuit Systems ICS950401 Datasheet HTML 3Page - Integrated Circuit Systems ICS950401 Datasheet HTML 4Page - Integrated Circuit Systems ICS950401 Datasheet HTML 5Page - Integrated Circuit Systems ICS950401 Datasheet HTML 6Page - Integrated Circuit Systems ICS950401 Datasheet HTML 7Page - Integrated Circuit Systems ICS950401 Datasheet HTML 8Page - Integrated Circuit Systems ICS950401 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
ICS950401
0499C—11/01/04
Pin Descriptions
PIN
PIN
PIN
#
NAME
TYPE
1
*FS0/REF0
I/O
Frequency select latch input pin / 14.318 MHz reference clock.
2
VDDREF
PWR
Ref, XTAL power supply, nominal 3.3V
3
X1
IN
Crystal input, Nominally 14.318MHz.
4
X2
OUT
Crystal output, Nominally 14.318MHz
5
GND
PWR
Ground pin.
6
*PCI33/HT66SEL#
IN
Input for PCI33/HT66 select. 0= 66.66MHz, 1= 33.33MHz,
7
PCICLK33/HT66_0
IN
PCI clocks at 33.33MHz or HT clocks at 66.66MHz, selected by pin 6 select input.
8
PCICLK33/HT66_1
IN
PCI clocks at 33.33MHz or HT clocks at 66.66MHz, selected by pin 6 select input.
9
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
10
GND
PWR
Ground pin.
11
PCICLK33/HT66_2
IN
PCI clocks at 33.33MHz or HT clocks at 66.66MHz, selected by pin 6 select input.
12
NC
NC
No Connect
13
PCICLK0
OUT
PCI clock output.
14
PCICLK1
OUT
PCI clock output.
15
GND
PWR
Ground pin.
16
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
17
PCICLK2
OUT
PCI clock output.
18
PCICLK3
OUT
PCI clock output.
19
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
20
GND
PWR
Ground pin.
21
PCICLK4
OUT
PCI clock output.
22
PCICLK5
OUT
PCI clock output.
23
PCICLK_F
I/O
Free running PCI clock not affected by PCI_STOP# / Mode selection latch input pin.
24
*PCI_STOP#
I/O
Input select pin, Stops all PCICLKs besides the PCICLK_F clocks at logic 0 level, when
input low.
25
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
26
SDATA
I/O
Data pin for SMBus circuitry, 5V tolerant.
27
GND
PWR
Ground pin.
28
24_48MHz/Sel24_48#*
I/O
24/48MHz clock output / Latched select input for 24/48MHz output. 0=48MHz, 1 =
24MHz.
29
VDD
PWR
Power supply, nominal 3.3V
30
GND
PWR
Ground pin.
31
48MHz
OUT
48MHz clock output.
32
VDDA
PWR
3.3V power for the PLL core.
33
GNDA
PWR
Ground pin for the PLL core.
34
GND
PWR
Ground pin.
35
VDD
PWR
Power supply, nominal 3.3V
36
CPUCLKC1
OUT
Complementory clock of differential CPU outputs. Push-pull requires external
termination.
37
CPUCLKT1
OUT
True clock of differential CPU outputs. Push-pull requires external termination.
38
VDDCPU
PWR
Supply for CPU clocks, 3.3V nominal
39
GND
PWR
Ground pin.
40
CPUCLKC0
OUT
Complementory clock of differential CPU outputs. Push-pull requires external
termination.
41
CPUCLKT0
OUT
True clock of differential CPU outputs. Push-pull requires external termination.
42
GNDA
PWR
Ground pin for the PLL core.
43
VDDA
PWR
3.3V power for the PLL core.
44
SPREAD*
IN
Asynchronous, active high input, with internal 120Kohm pull-up resistor, to enable
spread spectrum functionality.
45
REF2/FS2*
I/O
14.318 MHz reference clock / Frequency select latch input pin.
46
VDDREF
PWR
Ref, XTAL power supply, nominal 3.3V
47
GND
PWR
Ground pin.
48
REF1/FS1*
I/O
14.318 MHz reference clock / Frequency select latch input pin.
* Internal Pull-Up Resistor ** Internal Pull-Down Resistor ~ This Output has 2X Drive Strength
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com