Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950401 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS950401
Description  AMD - K8TM System Clock Chip
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950401 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS950401 Datasheet HTML 2Page - Integrated Circuit Systems ICS950401 Datasheet HTML 3Page - Integrated Circuit Systems ICS950401 Datasheet HTML 4Page - Integrated Circuit Systems ICS950401 Datasheet HTML 5Page - Integrated Circuit Systems ICS950401 Datasheet HTML 6Page - Integrated Circuit Systems ICS950401 Datasheet HTML 7Page - Integrated Circuit Systems ICS950401 Datasheet HTML 8Page - Integrated Circuit Systems ICS950401 Datasheet HTML 9Page - Integrated Circuit Systems ICS950401 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
ICS950401
0499C—11/01/04
Byte 1: CPU, Active/Inactive Register
(1= enable, 0 = disable)
Byte 2: PCI, Active/Inactive Register
(1= enable, 0 = disable)
T
I
B#
N
I
PD
W
PN
O
I
T
P
I
R
C
S
E
D
7
t
i
B6
3
,
7
31
)
e
t
o
N
(
1
_
C
/
T
K
L
C
U
P
C
6
t
i
B0
4
,
1
41
0
_
C
/
T
K
L
C
U
P
C
5
t
i
B5
41
2
F
E
R
4
t
i
B8
41
1
F
E
R
3
t
i
B1
1
0
F
E
R
2
t
i
B8
21
z
H
M
8
4
_
4
2
1
t
i
B1
31
z
H
M
8
4
0
t
i
B1
11
2
_
6
6
/
3
3
K
L
C
I
C
P
Notes:
1. Inactive means outputs are held LOW and are disabled
from switching.
2. Latched Frequency Selects (FS#) will be inverted logic
load of the input frequency select pin conditions.
Byte 4: Read-Back Register
(1= enable, 0 = disable)
T
I
B#
N
I
PD
W
PN
O
I
T
P
I
R
C
S
E
D
7
t
i
B-
0
D
I
R
O
D
N
E
V
6
t
i
B-
0
5
t
i
B-
1
4
t
i
B-
0
D
I
N
O
I
S
I
V
E
R
3
t
i
B-
0
2
t
i
B-
0
1
t
i
B-
0
0
t
i
B-
0
Byte 5: Peripheral , Active/Inactive Register
(1= enable, 0 = disable)
Byte 3: SDRAM, Active/Inactive Register
(1= enable, 0 = disable)
T
I
B#
N
I
PD
W
PN
O
I
T
P
I
R
C
S
E
D
7
t
i
B-
0
)
e
t
o
N
(
7
e
t
y
B
6
t
i
B-
0
)
e
t
o
N
(
6
e
t
y
B
5
t
i
B-
0
)
e
t
o
N
(
5
e
t
y
B
4
t
i
B-
0
)
e
t
o
N
(
4
e
t
y
B
3
t
i
B-
0
)
e
t
o
N
(
3
e
t
y
B
2
t
i
B-
1
)
e
t
o
N
(
2
e
t
y
B
1
t
i
B-
1
)
e
t
o
N
(
1
e
t
y
B
0
t
i
B-
1
)
e
t
o
N
(
0
e
t
y
B
Byte 6: Byte Count Register
(1= enable, 0 = disable)
Note: Writing to this register will configure byte count
and how many bytes will be read back. Default
state is 07H = 7 bytes.
T
I
B#
N
I
PD
W
PN
O
I
T
P
I
R
C
S
E
D
7
t
i
B-
0
)
d
e
v
r
e
s
e
R
(
6
t
i
B-
0
)
d
e
v
r
e
s
e
R
(
5
t
i
B2
20
)
e
t
o
N
(
5
K
L
C
I
C
P
4
t
i
B1
20
)
e
t
o
N
(
4
K
L
C
I
C
P
3
t
i
B8
10
)
e
t
o
N
(
3
K
L
C
I
C
P
2
t
i
B7
10
)
e
t
o
N
(
2
K
L
C
I
C
P
1
t
i
B4
10
)
e
t
o
N
(
1
K
L
C
I
C
P
0
t
i
B3
10
)
e
t
o
N
(
0
K
L
C
I
C
P
T
I
B#
N
I
PD
W
PN
O
I
T
P
I
R
C
S
E
D
7
t
i
B7
1
1
_
6
6
/
3
3
K
L
C
I
C
P
6
t
i
B8
1
0
_
6
6
/
3
3
K
L
C
I
C
P
5
t
i
B2
21
5
K
L
C
I
C
P
4
t
i
B1
21
4
K
L
C
I
C
P
3
t
i
B8
11
3
K
L
C
I
C
P
2
t
i
B7
11
2
K
L
C
I
C
P
1
t
i
B4
11
1
K
L
C
I
C
P
0
t
i
B3
11
0
K
L
C
I
C
P
T
I
B#
N
I
PD
W
PN
O
I
T
P
I
R
C
S
E
D
7
t
i
B
3
2
1)
e
t
o
N
(
F
_
K
L
C
I
C
P
6
t
i
B
4
4
1D
A
E
R
P
S
5
t
i
B
8
2
1L
E
S
8
4
_
4
2
4
t
i
B
6
1#
L
E
S
6
6
/
3
3
I
C
P
3
t
i
B
5
4
1e
t
a
t
s
n
i
p
d
e
h
c
t
a
l
p
u
-
r
e
w
o
p
2
S
F
2
t
i
B
8
4
1e
t
a
t
s
n
i
p
d
e
h
c
t
a
l
p
u
-
r
e
w
o
p
1
S
F
1
t
i
B
1
1e
t
a
t
s
n
i
p
d
e
h
c
t
a
l
p
u
-
r
e
w
o
p
0
S
F
0
t
i
B
-
0)
d
e
v
r
e
s
e
R
(
Note: This bit can be optional to disable the CPUCLKT/
C1 clock pair; CPUCLKT=L, CPUCLKC=H.
Note: Can be optionally used as PCI33_F enable
control.
Note: The above individual free running enable/disable
controls are intended to allow individual clock
outputs to be made free running. A clock output
that has it's free running bit enabled will not be
turned off with the assertion of either PCI_STOP#.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com