Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950401 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS950401
Description  AMD - K8TM System Clock Chip
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950401 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS950401 Datasheet HTML 1Page - Integrated Circuit Systems ICS950401 Datasheet HTML 2Page - Integrated Circuit Systems ICS950401 Datasheet HTML 3Page - Integrated Circuit Systems ICS950401 Datasheet HTML 4Page - Integrated Circuit Systems ICS950401 Datasheet HTML 5Page - Integrated Circuit Systems ICS950401 Datasheet HTML 6Page - Integrated Circuit Systems ICS950401 Datasheet HTML 7Page - Integrated Circuit Systems ICS950401 Datasheet HTML 8Page - Integrated Circuit Systems ICS950401 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
ICS950401
0499C—11/01/04
General Description
The ICS950401 is a main clock synthesizer chip for AMD-K8. This provides all clocks required for Clawhammer and
Sledgehammer systems.
Spread spectrum may be enabled through I
2C programming. Spread spectrum typically reduces system EMI by 8dB
to 10dB. This simplifies EMI qualification without resorting to board design iterations or costly shielding. The ICS950401
employs a proprietary closed loop design, which tightly controls the percentage of spreading over process and
temperature variations.
Serial programming I
2C interface allows changing functions, stop clock programming and frequency selection.
Power Groups
VDDA = PLL2
Pin 32
VDDA = VDD for Core PLL
Pin 43
VDDREF = REF, Xtal
Pin 2
Skew Characteristics
Parameter
Description
Test Conditons
Skew
Window
Unit
Tsk_CPU_CPU
measured at x-ing of CPU,
250
ps
Tsk_CPU_PCI
measured at x-ing of CPU,
1.5V of PCI clock
2000
ps
Tsk_PCI_PCI
measured between rising
edge at 1.5V
500
ps
Tsk_PCI33-HT66
measured between rising
edge at 1.5V
500
ps
Tsk_CPU_HT66
measured between rising
edge at 1.5V
2000
ps
Tsk_CPU_HT66
measured at x-ing of CPU,
1.5V of PCI clock
500
ps
Tsk_CPU_CPU
measured at x-ing of CPU,
200
ps
Tsk_CPU_PCI
measured at x-ing of CPU,
1.5V of PCI clock
200
ps
Tsk_PCI_PCI
measured between rising
edge at 1.5V
200
ps
Tsk_PCI33-HT66
measured between rising
edge at 1.5V
200
ps
Tsk_CPU_HT66
measured between rising
edge at 1.5V
200
ps
Tsk_CPU_HT66
measured at x-ing of CPU,
1.5V of PCI clock
200
ps
time independent
skew
not dependent on
V, T changes
time variant skew
varies over
V, T changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com