Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950401 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS950401
Description  AMD - K8TM System Clock Chip
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950401 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS950401 Datasheet HTML 1Page - Integrated Circuit Systems ICS950401 Datasheet HTML 2Page - Integrated Circuit Systems ICS950401 Datasheet HTML 3Page - Integrated Circuit Systems ICS950401 Datasheet HTML 4Page - Integrated Circuit Systems ICS950401 Datasheet HTML 5Page - Integrated Circuit Systems ICS950401 Datasheet HTML 6Page - Integrated Circuit Systems ICS950401 Datasheet HTML 7Page - Integrated Circuit Systems ICS950401 Datasheet HTML 8Page - Integrated Circuit Systems ICS950401 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
ICS950401
0499C—11/01/04
Byte0: Functionality and Frequency Select
t
i
B#
n
i
PD
W
Pn
o
i
t
p
i
r
c
s
e
D
70
)
e
c
n
o
e
t
i
r
W
(
e
l
b
a
s
i
d
e
t
i
r
W
1
6
0
=
0
.
e
l
b
a
n
E
m
u
r
t
c
e
p
S
d
a
e
r
p
S
e
l
b
a
n
E
=
1
;
e
l
b
a
s
i
D
2
5
0d
e
v
r
e
s
e
R
4
0d
e
v
r
e
s
e
R
3
5
40
2
S
F
2
8
40
1
S
F
1
10
0
S
F
0
0e
l
b
a
n
E
e
t
i
r
W
3
Notes:
1. Write Disable. A '1' written to this bit after a '1' is written to BYTE0/bit 0 will permanently disable writing to I2C until
the part is powered off. Once the clock generator has been write disabled, the SMBus controller should still accept and
acknowledge subsequent write cycles but it should not modify any of the registers.
2.
3. A '1' written to this bit after power-up will enable writing to I2C. Subsequent '0's written to this bit will disable
modification of all registers except this single bit. When a '1' is written to Byte 0 Bit 7, all modification is permanently
disabled until the device power cycles. Block write transactions to the interface will complete, however unless the
interface has been previously unlocked, the writes will have no effect. The effect of writing to this bit does not take effect
until the subsequent block write command.
4. Clarification on frequency select on power-up:
i. Upon power-up, Byte0, bits (5:1) [FS(4:0)] are set to default hardware settings.
ii. A '1' is written to Byte0, bit 0 to enable software control.
iii. Every time Byte0 is written, frequency input defaults will be affected.
iv. If a '0' is written to Byte0, bit0, the software control is disabled. Disabling software control does not cause the
contents of Byte0
to default back to hardware setting for FS(4:0).
n
i
P
d
a
e
r
p
St
i
B
S
Se
l
b
a
n
E
d
a
e
r
p
S
00
d
e
l
b
a
s
i
D
01
d
e
l
b
a
n
E
10
d
e
l
b
a
n
E
11
d
e
l
b
a
n
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com