Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950401 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS950401
Description  AMD - K8TM System Clock Chip
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950401 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS950401 Datasheet HTML 1Page - Integrated Circuit Systems ICS950401 Datasheet HTML 2Page - Integrated Circuit Systems ICS950401 Datasheet HTML 3Page - Integrated Circuit Systems ICS950401 Datasheet HTML 4Page - Integrated Circuit Systems ICS950401 Datasheet HTML 5Page - Integrated Circuit Systems ICS950401 Datasheet HTML 6Page - Integrated Circuit Systems ICS950401 Datasheet HTML 7Page - Integrated Circuit Systems ICS950401 Datasheet HTML 8Page - Integrated Circuit Systems ICS950401 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Integrated
Circuit
Systems, Inc.
ICS950401
0499C—11/01/04
Block Diagram
Functionality
Pin Configuration
Recommended Application:
AMD K8 Systems
Output Features:
•
2 - Differential pair push-pull CPU clocks @ 3.3V
•
7 - PCI (Including 1 free running) @3.3V
•
3 - Selectable HT/PCI 66/33MHz @3.3V
•
1 - 48MHz, @3.3V fixed.
•
1 - 24/48MHz @ 3.3V
•
3 - REF @3.3V, 14.318MHz.
Features:
•
Up to 220MHz frequency support
•
Support power management: PCI stop and stop
clocks controlled by I
2C.
•
Spread spectrum for EMI reduction
•
Uses external 14.318MHz crystal
•I
2C programmability features
•
Supports Hypes transport technology (HT66 output).
AMD - K8™ System Clock Chip
*FS0/REF0 1
48 REF1/FS1*
VDDREF 2
47 GND
X1 3
46 VDDREF
X2 4
45 REF2/FS2*
GND 5
44 SPREAD*
*PCI33/HT66SEL# 6
43 VDDA
PCICLK33/HT66_0 7
42 GNDA
PCICLK33/HT66_1 8
41 CPUCLKT0
VDDPCI 9
40 CPUCLKC0
GND 10
39 GND
PCICLK33/HT66_2 11
38 VDDCPU
NC 12
37 CPUCLKT1
PCICLK0 13
36 CPUCLKC1
PCICLK1 14
35 VDD
GND 15
34 GND
VDDPCI 16
33 GNDA
PCICLK2 17
32 VDDA
PCICLK3 18
31 48MHz
VDDPCI 19
30 GND
GND 20
29 VDD
PCICLK4 21
28 24_48MHz/Sel24_48#*
PCICLK5 22
27 GND
PCICLK_F 23
26 SDATA
*PCI_STOP# 24
25 SCLK
48-SSOP/ TSSOP
* Internal Pull-Up Resistor
** Internal Pull-Down Resistor
FS2
FS1
FS0
PCI33_HT66
SEL#
CPU
PCI33
PCI33_HT66
COMMENTS
0
0
0
X
Hi-Z
Hi-Z
Hi-Z
Tri-State Mode
0
0
1
0
X
X/6
X/3
Bypass Mode
0
0
1
1
X
X/6
X/6
Bypass Mode
0
1
0
X
180.00
30.00
60.00
10% under-clk
0
1
1
X
220.00
36.56
73.12
10% over-clk
1
0
0
X
100.00
33.33
33.33/66.66
Athlon Compatible
1
0
1
X
133.33
33.33
33.33/66.66
Athlon Compatible
1
1
0
X
166.66
33.33
33.33/66.66
Reserved
1
1
1
X
200.00
33.33
33.33/66.66
Hammer Operation
PLL2
PLL1
Spread
Spectrum
PCICLK (5:0)
CPUCLKT (1:0)
CPUCLKC (1:0)
X1
X2
XTAL
OSC
CPU
DIVDER
PCI
DIVDER
Stop
Stop
SDATA
SCLK
FS (2:0)
SPREAD
24_48SEL#
PCI33/HT66SEL#
PCI_STOP#
Control
Logic
REF (2:0)
48MHz
24_48MHz
/ 2
PCICLK_F
PCICLK33/HT66(2:0)
X 2
Config.
Reg.


Similar Part No. - ICS950401

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS950401 RENESAS-ICS950401 Datasheet
288Kb / 15P
AMD - K8™ System Clock Chip
2019
ICS950401YFLF-T RENESAS-ICS950401YFLF-T Datasheet
288Kb / 15P
AMD - K8™ System Clock Chip
2019
ICS950401YGLF-T RENESAS-ICS950401YGLF-T Datasheet
288Kb / 15P
AMD - K8™ System Clock Chip
2019
More results

Similar Description - ICS950401

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-114 ICST-ICS9248-114 Datasheet
145Kb / 14P
AMD - K7??System Clock Chip
Rev C 01/24/01
ICS9248-64 ICST-ICS9248-64 Datasheet
142Kb / 15P
AMD-K7TM System Clock Chip
Rev C 03/19/01
ICS950405 ICST-ICS950405 Datasheet
134Kb / 16P
AMD - K8 System Clock Chip
ICS9248-163 ICST-ICS9248-163 Datasheet
300Kb / 14P
AMD - K7 System Clock Chip
Rev A 9/22/00
ICS951403 ICST-ICS951403 Datasheet
639Kb / 18P
AMD-K7 System Clock Chip
ICS950403 ICST-ICS950403 Datasheet
195Kb / 18P
AMD - K8??System Clock Chip
ICS94225 ICST-ICS94225 Datasheet
151Kb / 18P
AMD-K7TM System Clock Chip
ICS9248-171 ICST-ICS9248-171 Datasheet
213Kb / 15P
AMD - K7TM System Clock Chip
ICS950402 ICST-ICS950402 Datasheet
138Kb / 19P
AMD - K8 System Clock Chip
logo
Renesas Technology Corp
ICS951403 RENESAS-ICS951403 Datasheet
646Kb / 18P
AMD-K7TM System Clock Chip
02/23/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com