Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS221 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UCS221
Description  1-CH DIFFERENTIAL SENSITIVITY CALIBRATION CAPACITIVE TOUCH SENSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCS221 Datasheet(HTML) 2 Page - Unisonic Technologies

  UCS221 Datasheet HTML 1Page - Unisonic Technologies UCS221 Datasheet HTML 2Page - Unisonic Technologies UCS221 Datasheet HTML 3Page - Unisonic Technologies UCS221 Datasheet HTML 4Page - Unisonic Technologies UCS221 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UCS221
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R140-010.a
PIN CONFIGURATION
6
5
4
1
2
3
GND
CS
VDD
CR
OUT
SYNC
PIN DESCRIPTION
PIN No.
PIN NAME
Description
1
OUTPUT
Touch detect output.
2
VDD
Power (2.5V ~ 5.0V).
3
SYNC
Self operation signal output Peripheral operation signal input Sensitivity selection
input.
4
CS
Capacitive sensor input.
5
GND
Supply ground.
6
CR
Reference capacitive sensor input for differential sensitivity calibration.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com