Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS221 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UCS221
Description  1-CH DIFFERENTIAL SENSITIVITY CALIBRATION CAPACITIVE TOUCH SENSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCS221 Datasheet(HTML) 5 Page - Unisonic Technologies

  UCS221 Datasheet HTML 1Page - Unisonic Technologies UCS221 Datasheet HTML 2Page - Unisonic Technologies UCS221 Datasheet HTML 3Page - Unisonic Technologies UCS221 Datasheet HTML 4Page - Unisonic Technologies UCS221 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
UCS221
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R140-010.a
TYPICAL APPLICATION CIRCUIT
The capacitor and resistor might be connected with CS (pin4) for getting a stable sensitivity.
The capacitor value which is connected to CR pin (CR) should be almost the same as the total CS capacitance
(include parasitic capacitance) for an effective differential sensitivity calibration.
UCS221
is reset by internal reset circuit. VDD voltage rising time should be shorter than 100msec for proper
operation.
The sensitivity can be adjusted through a connection of SYNC pin.
From two UCS221 to ten UCS221 (or other TS series touch sensor) can work on the one application at the same
time thanks to SYNC function.
UCS221
OUT port has an open drain structure. The pull-up resistor should therefore be needed as above figure.
VDD periodic voltage ripples over 50mV or the ripple frequency which is lower than 10 kHz it can cause wrong
sensitivity calibration. To prevent above problem, power (VDD, GND) line of touch circuit should be separated from
the other circuit. Especially the LED driver power line or digital switching circuit power line should be certainly treated
to be separated from touch circuit.
The CS pattern should be routed as short as possible and the width of the line should be around 0.25mm.
The CS pattern routing should be formed by bottom metal (opposite metal of touch PAD).
The capacitor which is between VDD and GND is an obligation. It should be placed as close as possible from
UCS221
.
The empty space of PCB must be filled with GND pattern to strengthen GND pattern and to prevent external noise
that causes interference with the sensing frequency.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all UTC products described or contained herein.
UTC products are not designed for use in life support appliances, devices or systems where malfunction
of these products can be reasonably expected to result in personal injury. Reproduction in whole or in
part is prohibited without the prior written consent of the copyright owner. UTC reserves the right to
make changes to information published in this document, including without limitation specifications and
product descriptions, at any time and without notice. This document supersedes and replaces all
information supplied prior to the publication hereof.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com