Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS221 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UCS221
Description  1-CH DIFFERENTIAL SENSITIVITY CALIBRATION CAPACITIVE TOUCH SENSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCS221 Datasheet(HTML) 1 Page - Unisonic Technologies

  UCS221 Datasheet HTML 1Page - Unisonic Technologies UCS221 Datasheet HTML 2Page - Unisonic Technologies UCS221 Datasheet HTML 3Page - Unisonic Technologies UCS221 Datasheet HTML 4Page - Unisonic Technologies UCS221 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UCS221
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R140-010.a
1-CH DIFFERENTIAL
SENSITIVITY CALIBRATION
CAPACITIVE TOUCH SENSOR
FEATURES
* 1-Channel capacitive touch sensor with differential sensitivity
calibration
* Low power consumption
* Uniformly adjustable sensitivity
* Sync function for parallel operation
* Three steps sensitivity available without external component
* Open-drain digital output
* Internal power on reset
* Embedded common and normal noise elimination circuit
SOT-26
4
5
3
2
1
6
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UCS221L-AG6-R
UCS221G-AG6-R
SOT-26
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING


Similar Part No. - UCS221

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UCS2112 MICROCHIP-UCS2112 Datasheet
930Kb / 64P
USB Dual-Port Power Switch and Current Monitor
07/14/15
UCS2113 MICROCHIP-UCS2113 Datasheet
900Kb / 62P
USB Dual-Port Power Switch and Current Monitor
Rev A December 2016
UCS2113-1-V/G4 MICROCHIP-UCS2113-1-V/G4 Datasheet
900Kb / 62P
USB Dual-Port Power Switch and Current Monitor
Rev A December 2016
UCS2113-1C-V/G4 MICROCHIP-UCS2113-1C-V/G4 Datasheet
1Mb / 60P
USB Dual-Port Power Switch and Current Monitor
Revision A November 2020
UCS2113-2-V/G4 MICROCHIP-UCS2113-2-V/G4 Datasheet
900Kb / 62P
USB Dual-Port Power Switch and Current Monitor
Rev A December 2016
More results

Similar Description - UCS221

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPR083 FREESCALE-MPR083_08 Datasheet
367Kb / 35P
Proximity Capacitive Touch Sensor Controller
logo
Microchip Technology
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
6 Channel Capacitive Touch Sensor
01/27/15
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
8-Channel Capacitive Touch Sensor
10/28/13
logo
Integrated Silicon Solu...
IS31SE5100 ISSI-IS31SE5100 Datasheet
432Kb / 13P
8-CH CAPACITIVE TOUCH SENSOR WITH AUTO CALIBRATION
IS31SE5104 ISSI-IS31SE5104 Datasheet
402Kb / 13P
4-CH CAPACITIVE TOUCH SENSOR WITH AUTO CALIBRATION
logo
Microchip Technology
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
8-Channel Capacitive Touch Sensor
07/14/15
logo
List of Unclassifed Man...
N55T10 ETC2-N55T10 Datasheet
530Kb / 9P
general purpose capacitive touch sensor
ANSG08 ETC2-ANSG08 Datasheet
1Mb / 40P
8-Ch Auto Sensitivity Calibration Capacitive Touch Sensor
logo
Generalplus Technology ...
GPM8F377A GENERALPLUS-GPM8F377A Datasheet
376Kb / 16P
Capacitive Touch M-KEY Sensor
logo
CORE RIVER Semiconducto...
TC305K CORERIVER-TC305K Datasheet
2Mb / 14P
Capacitive Touch Sensor Controller
Revised May. 26, 2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com