Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS221 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UCS221
Description  1-CH DIFFERENTIAL SENSITIVITY CALIBRATION CAPACITIVE TOUCH SENSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCS221 Datasheet(HTML) 4 Page - Unisonic Technologies

  UCS221 Datasheet HTML 1Page - Unisonic Technologies UCS221 Datasheet HTML 2Page - Unisonic Technologies UCS221 Datasheet HTML 3Page - Unisonic Technologies UCS221 Datasheet HTML 4Page - Unisonic Technologies UCS221 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UCS221
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R140-010.a
DETAILED DESCRIPTION
Current consumption
UCS221
uses internal bias circuit, so internal clock frequency and current consumption is not adjusted. The typical
current consumption curve of UCS221 is rep resented in accordance with VDD voltage as below. The higher VDD
requires more current consumption. Internal bias circuit can make t he circuit design simple and reduce external
components.
CS and CR implementation
The parallel capacitor CS is added to CS and CR to CR to adjust fine sensitivity. The major factor of the sensitivity
is CS. The sensitivity would be increased when smaller CS value is used. (Ref. below Sensitivity Example Figure)
The CR value should be almost the same as the total CS capacitance (CS_TOT) for effective differential sensitivity
calibration. The total CS capacitance is composed of CS which is set for optimal sensitivity and parasitic capacitance
of CS pattern (CPARA). The parasitic capacitance of CS pattern is about 2pF if normal touch pattern size is used. But
in the case of using larger touch pattern, CPARA is bigger than normal value.
The RS is serial connection resistor to avoid malfunction from extern al surge and ESD. (It might be optional.)
From 200Ω to 1kΩ is recommended for RS. The size and shape of touch PAD might have influence on the sensitivity.
The sensitivity will be optimal when the size of PAD is approximately an half of the first knuckle (it’s about 10mm×
7mm) . The connection line of CS to the touch PAD is recommended to be routed as short as possible to prevent
from abnormal touch detection caused by connection line.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com