Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS221 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UCS221
Description  1-CH DIFFERENTIAL SENSITIVITY CALIBRATION CAPACITIVE TOUCH SENSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCS221 Datasheet(HTML) 3 Page - Unisonic Technologies

  UCS221 Datasheet HTML 1Page - Unisonic Technologies UCS221 Datasheet HTML 2Page - Unisonic Technologies UCS221 Datasheet HTML 3Page - Unisonic Technologies UCS221 Datasheet HTML 4Page - Unisonic Technologies UCS221 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UCS221
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R140-010.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VOUT
5.5
V
Maximum Voltage On Any Pin
VIN
VDD+0.3
V
Maximum Current On Any PAD
VSHDN
100
mA
Power Dissipation
PD
200
mW
Junction Temperature
TJ
150
°С
Operating Temperature
TOPR
-20 ~ +75
°С
Storage Temperature
TSTG
-50 ~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (VDD = 3.3V, TA = 25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Supply Voltage
VDD
2.5
3.3
5
V
VDD=3.3V
25
40
μA
Current Consumption
IDD
VDD=5.0V
40
70
μA
Sense Input Capacitance Range
(Note3)
CS
10
pF
Reference Input Capacitance
Range (Note4)
CR
12
pF
Sense Input Resistance Range
RS
200
Ω
Minimum Detectable Capacitance
Variation
∆CS
CS=10pF
0.2
pF
∆CS>0.2pF
12
Ω
Output Impedance (Open Drain)
ZO
∆CS<0.2pF
30
MΩ
Self Calibration Time After VDD
Setting
TCAL
200
ms
Maximum Supply Voltage Rising
Time
TR_VDD
100
ms
Recommended Sync Resistance
Range
RSYNC
2
MΩ
Notes: 1. The sensitivity can be increased with lower CS value. The recommended value of CS is 10pF when using
3T PC(Poly Carbonate) cover and 10mm x 7mm touch pattern and middle sensitivity selection.
2. CR value is recommended as same that of CS_TOT as possible for effective differential sensitivity calibration.
CS_TOT= CS + CPARA (CPARA is parasitic capacitance of CS pin) If proper CR capacitor value is used, CR pin
has almost same frequency as that of CS pin.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com