Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6512 Datasheet(PDF) 16 Page - Micro Analog systems

Part # MAS6512
Description  Capacitive Sensor Signal Interface IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6512 Datasheet(HTML) 16 Page - Micro Analog systems

Back Button MAS6512_16 Datasheet HTML 12Page - Micro Analog systems MAS6512_16 Datasheet HTML 13Page - Micro Analog systems MAS6512_16 Datasheet HTML 14Page - Micro Analog systems MAS6512_16 Datasheet HTML 15Page - Micro Analog systems MAS6512_16 Datasheet HTML 16Page - Micro Analog systems MAS6512_16 Datasheet HTML 17Page - Micro Analog systems MAS6512_16 Datasheet HTML 18Page - Micro Analog systems MAS6512_16 Datasheet HTML 19Page - Micro Analog systems MAS6512_16 Datasheet HTML 20Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
DA6512.003
2 December, 2016
16 (32)
EEPROM WRITE PROCEDURE
Figure 3. Flow chart for MAS6512 EEPROM write
Important note: Before EEPROM programming make sure that in the Test register (E1/61HEX) the SOSC=00 is
selected. That selects 200 kHz system clock frequency which is required for the proper EEPROM programming
pulses. This condition is guaranteed by making device reset either using the reset register (E0/60HEX) or the
XCLR pin.
Note: In the “VERIFY WRITTEN DATA” step it could be also additionally checked that the EEPROM status
register (EC/6CHEX) does not indicate read errors.
START
INITIAL CONDITIONS
Reset device by XCLR or
by writing any data to the reset register E0/60HEX
POWER UP DEVICE
Connect supply voltage VDD
ENABLE EEPROM WRITE
Write 04HEX to the EEPROM write enable register E9/69HEX
WAIT
Wait minimum 16ms after writing byte (8-bit) to EEPROM
STOP
DISABLE EEPROM WRITE
Write 00HEX to the EEPROM write enable register E9/69HEX
WRITE DATA TO EEPROM
Write data byte (8-bit) to selected EEPROM memory address
no
Write more data?
yes
VERIFY WRITTEN DATA
Read the written data byte (8-bit) from the EEPROM memory address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com