Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6512 Datasheet(PDF) 19 Page - Micro Analog systems

Part # MAS6512
Description  Capacitive Sensor Signal Interface IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6512 Datasheet(HTML) 19 Page - Micro Analog systems

Back Button MAS6512_16 Datasheet HTML 15Page - Micro Analog systems MAS6512_16 Datasheet HTML 16Page - Micro Analog systems MAS6512_16 Datasheet HTML 17Page - Micro Analog systems MAS6512_16 Datasheet HTML 18Page - Micro Analog systems MAS6512_16 Datasheet HTML 19Page - Micro Analog systems MAS6512_16 Datasheet HTML 20Page - Micro Analog systems MAS6512_16 Datasheet HTML 21Page - Micro Analog systems MAS6512_16 Datasheet HTML 22Page - Micro Analog systems MAS6512_16 Datasheet HTML 23Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
DA6512.003
2 December, 2016
19 (32)
2-WIRE SERIAL DATA INTERFACE (I2C BUS)
Figure 4. I2C bus protocol definitions
Bus communication includes Acknowledge (A) and
not Acknowledge (N) messages. To send an
acknowledge the receiver device pulls the SDA low
for one SCL clock cycle. For not acknowledge (N)
the receiver device leaves the SDA high for one
SCL clock cycle in which case the master can then
generate either a Stop (P) bit to abort the transfer,
or a repeated Start (Sr) bit to start a new transfer.
Abbreviations:
A= Acknowledge by Receiver
N = Not Acknowledge by Receiver
S = Start
Sr = Repeated Start
P = Stop
= from Master (MCU) to Slave (MAS6512)
= from Slave (MAS6512) to Master (MCU)
Conversion Starting – Write Sequence
Conversion is started by writing configuration bits
into the Measurement control register (address
E2HEX). The write sequence is illustrated in Table
12.
Table 12. MAS6512 I2C bus write sequence of Measurement control register
S
AW
A
MC
A
DC
A
P
Abbreviations:
AW = Device Write Address ECHEX (%1110 1100)
AR = Device Read Address EDHEX (%1110 1101)
MC = Meas. control register 62HEX (%0110 0010)
Ax = Conversion Result Registers’ Addresses; MSB
(x=M, 6AHEX %0110 1010), LSB (x=L, 6BHEX %0110
1011)
DC = Measurement Control Register Data
Dx = Conversion Result Register Data; MSB (x=M),
LSB (x=L)
Each serial bus operation, like write, starts with the
start (S) bit (see figure 4). After start (S) the
MAS6512 device address with write bit (AW, see
table 11) is sent followed by an Acknowledge (A).
After this the Measurement control register address
(see table 1) is sent and followed by an
Acknowledge (A). Next the Measurement control
register data (DC, see table 3) is written and
followed by an Acknowledge (A). Finally the serial
bus operation is ended with stop (P) command (see
figure 4). A new A/D conversion starts right after
Measurement control register bits containing
SCO=1 are received.
A/D Conversion
After power on reset or external reset (XCLR) the
EOC output is high. After an A/D conversion is
started the EOC output is set low until the
conversion is finished and the EOC goes back high,
indicating that the conversion is done and data is
ready for reading. The EOC is set low only by
starting a new conversion. To save power the
internal oscillator runs only during conversion.
During an A/D conversion the input signal is
sampled
continuously
leading
to
an
output
conversion result that is a weighted average of the
samples taken.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com