Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6512 Datasheet(PDF) 7 Page - Micro Analog systems

Part # MAS6512
Description  Capacitive Sensor Signal Interface IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6512 Datasheet(HTML) 7 Page - Micro Analog systems

Back Button MAS6512_16 Datasheet HTML 3Page - Micro Analog systems MAS6512_16 Datasheet HTML 4Page - Micro Analog systems MAS6512_16 Datasheet HTML 5Page - Micro Analog systems MAS6512_16 Datasheet HTML 6Page - Micro Analog systems MAS6512_16 Datasheet HTML 7Page - Micro Analog systems MAS6512_16 Datasheet HTML 8Page - Micro Analog systems MAS6512_16 Datasheet HTML 9Page - Micro Analog systems MAS6512_16 Datasheet HTML 10Page - Micro Analog systems MAS6512_16 Datasheet HTML 11Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
DA6512.003
2 December, 2016
7 (32)
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 2.7 V, TA = -40°C to +85°C, typical values at TA = +27°C, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Linear output
code range
values
(10%...90% of
full scale output
code range)
CODELIN
OSR=2048
OSR=1024
OSR=512
OSR=256
5728
5722
714
89
51552
51494
6422
799
Full scale output
code range
values
CODEFS
OSR=2048
OSR=1024
OSR=512
OSR=256
0
0
0
0
57280
57216
7136
888
VDD sensitivity
of capacitance
measurement
VDDSENSCAP
Difference mode,
CLIN=4pF,
TEMPREGEN=0,
VDD=1.8V
 3.6V
Note 1.
+0.03
%FS/V
VDD sensitivity
of temperature
measurement
VDDSENSTEMP
TEMPREGEN=1,
VDD=1.9V
 3.6V
Note 1.
-0.04
%FS/V
Note 1. VDD sensitivity in %FS/V calculated as follows: VDDSENS =100%*((CODE @ VDDMAX) – (CODE @ VDDMIN))/CODEFS/(VDDMAX -
VDDMIN) where VDDMAX=3.6V, VDDMIN=1.8V in capacitance mode and VDDMIN=1.9V in temperature mode.
Digital inputs
TA = -40oC to +85oC, VDD = 1.8V to 3.6V, Typ TA = 27oC, Typ VDD = 2.7 V, RP = 4.7kI2C bus pull upunless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input High Voltage
VIH
80% VDD
100% VDD
V
Input Low Voltage
VIL
0% VDD
20% VDD
V
Serial Bus Clock
Frequency
fSCL
I2C bus
SPI bus
400
2
kHz
MHz
XCLR Reset Pulse
Length
tXCLR
XCLR low pulse
200
ns
Wait time after reset
tRESET_WAIT
Note 1.
20
µs
XCLR Pin Pull Up
Current
IPULL_UP
XCLR=0V
-8
µA
Note 1. This is the necessary wait time after reset to allow MAS6512 reading the programmable I2C device address from the EEPROM
Digital outputs
TA = -40oC to +85oC, VDD = 1.8V to 3.6V, Typ TA = 27oC, Typ VDD = 2.7 V, RP = 4.7kI2C bus pull upunless otherwise noted
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Output high voltage
VOH
ISource=0.6mA
80% VDD
100% VDD
V
Output low voltage
VOL
ISink=0.6mA
0% VDD
20% VDD
V
Signal rise time
(from 10% to 90%)
tr
EOC pin, CL=50pF
SDA pin, CB=50pF
14
550
ns
Signal fall time
(from 90% to 10%)
tf
EOC pin, CL=50pF
SDA pin, CB=50pF
11
11
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com