Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6512 Datasheet(PDF) 22 Page - Micro Analog systems

Part # MAS6512
Description  Capacitive Sensor Signal Interface IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6512 Datasheet(HTML) 22 Page - Micro Analog systems

Back Button MAS6512_16 Datasheet HTML 18Page - Micro Analog systems MAS6512_16 Datasheet HTML 19Page - Micro Analog systems MAS6512_16 Datasheet HTML 20Page - Micro Analog systems MAS6512_16 Datasheet HTML 21Page - Micro Analog systems MAS6512_16 Datasheet HTML 22Page - Micro Analog systems MAS6512_16 Datasheet HTML 23Page - Micro Analog systems MAS6512_16 Datasheet HTML 24Page - Micro Analog systems MAS6512_16 Datasheet HTML 25Page - Micro Analog systems MAS6512_16 Datasheet HTML 26Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
DA6512.003
2 December, 2016
22 (32)
TRIMMING FOR SENSOR CAPACITANCE
MAS6512
has
two
different
capacitance
measurement
modes.
The
output
can
be
proportional either to capacitance difference (CS-CR)
or to capacitance ratio (CS-CR)/CS.
For trimming it is necessary to know the sensor
capacitance CS range CS MIN…CS MAX. For optimal
utilization of the MAS6512 input range the trimming
is based on selecting the minimum linear range
capacitance same as CS MIN and maximum linear
range capacitance same as CS MAX. At the linear
range minimum and maximum limits the average of
the ΔΣ-modulator output is 10% and 90%
respectively. In the following trimming equations we
denote these by
DMIN = 0.1
DMAX = 0.9
In the capacitance measurement the internal
regulator should be disabled (TEMPREGEN=0) and
the external capacitive sensor selected (SEL=00).
MAS6512 in capacitance difference mode
The reference capacitor value CR is calculated from
CR = [CS MIN*(DMAX-0.5)-CS MAX*(DMIN-0.5)] / (DMAX-DMIN)
If an external CR is used, it is connected between pins CR and CC. If an internal CR is used, the trim code for CR
is calculated from
REGE4HEX = (CR/CR MAX)*255
where CR MAX is nominally 22pF, but subject to ±10 % (±3 sigma) process variation.
The reference voltage, VS, can be calculated using the following equation:
VS = [144mV*(DMAX-DMIN)*2*CREF] / (CS MAX-CS MIN)
where CREF is nominally 6 pF, but also has ±10 % variation.
The gain register trim value is calculated from
REGE5HEX = [(VS-33 mV) / 734mV]*255
REGE4HEX and REGE5HEX are 8-bit values, so they range from 0 to 255. When their values are found, the same
values can be written to corresponding EEPROM addresses C4HEX and C5HEX. However, with SPI bus, the
address MSB in write operation is 0, so the addresses are actually 44HEX and 45HEX.
Example: Single capacitance sensor
CS MIN=8pF
CS MAX=12pF
CR = [8pF*(0.9-0.5)-12pF*(0.1-0.5)]/(0.9-0.1) = 10pF
REGE4HEX = (10pF/22pF)*255 = 115.9 ~ 116
VS = [144mV*(0.9-0.1)*2*6pF] / (12pF-8pF) = 345.6mV
REGE5HEX = [(345.6-33 mV) / 734mV]*255 = 108.6 ~109
REGE3HEX = 0 (no internal CS capacitor matrix used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com