Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6512 Datasheet(PDF) 26 Page - Micro Analog systems

Part # MAS6512
Description  Capacitive Sensor Signal Interface IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6512 Datasheet(HTML) 26 Page - Micro Analog systems

Back Button MAS6512_16 Datasheet HTML 22Page - Micro Analog systems MAS6512_16 Datasheet HTML 23Page - Micro Analog systems MAS6512_16 Datasheet HTML 24Page - Micro Analog systems MAS6512_16 Datasheet HTML 25Page - Micro Analog systems MAS6512_16 Datasheet HTML 26Page - Micro Analog systems MAS6512_16 Datasheet HTML 27Page - Micro Analog systems MAS6512_16 Datasheet HTML 28Page - Micro Analog systems MAS6512_16 Datasheet HTML 29Page - Micro Analog systems MAS6512_16 Datasheet HTML 30Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
DA6512.003
2 December, 2016
26 (32)
APPLICATION INFORMATION
VDD rise time < 1ms
Figure 9. MAS6512 configured for I2C bus communication
Note: MAS6512 has an effective ESD clamp protection structure that can be triggered if the VDD rises too fast.
For this reason it’s recommended to use a supply decoupling capacitor having a value of 100nF or higher to slow
down the VDD rise time.
Note: The voltage regulator output VREG does not require external capacitor as shown in figure 9. However if an
output capacitor is wanted to be used for extra filtering the capacitor value should not be higher than 6.8nF.
Figure 9 presents MAS6512 application circuit using I2C bus and when VDD rise time is guaranteed to be
always below internal POR circuit delay of 1ms. In case the VDD rise time can exceed 1ms see the next page
application information.
MISO
SDA/MOSI
SCL/SCLK
MUX
TEMP

CONTROL
I2C /
SPI
EEPROM
CLK
OSC
XCS
XSPI
EOC
XCLR
CS
CC
CR
VDD
GND
optional
MCU
optional
optional
VDD
GND
Cs
Cr
VREG
TEST
VREG
TEST1
TEST2
VDD
OSC
GND
VDD
4k7
4k7
GND
100n
NOTE: It is recommended to use the XCLR reset feature to solve unexpected error state conditions. In case VDD rise time can
exceed 1ms the device has to be kept in a reset during power up by using the XCLR pin. Violating this may risk EEPROM integrity.
If not used the XCLR pin can be left unconnected since it has internal pull up to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com