Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6285 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS6285
Description  IC FOR XO TRIMMING
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6285 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS6285 Datasheet HTML 1Page - Micro Analog systems MAS6285 Datasheet HTML 2Page - Micro Analog systems MAS6285 Datasheet HTML 3Page - Micro Analog systems MAS6285 Datasheet HTML 4Page - Micro Analog systems MAS6285 Datasheet HTML 5Page - Micro Analog systems MAS6285 Datasheet HTML 6Page - Micro Analog systems MAS6285 Datasheet HTML 7Page - Micro Analog systems MAS6285 Datasheet HTML 8Page - Micro Analog systems MAS6285 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DA6285.002
11 November, 2010
2 (12)
PIN DESCRIPTION
Pin Description
Symbol
x-coordinate
y-coordinate
Note
Serial Bus Data Input
DA
150
141
Serial Bus Clock Input
CLK
369
141
Programming Input
PV
593
140
Power Supply Voltage
VDD
150
689
Power Supply Ground
VSS
369
689
CDAC Output
COUT
593
689
Note: Because the substrate of the die is internally connected to VSS, the die has to be connected to VSS or left
floating. Please make sure that VSS is the first pad to be bonded. Pick-and-place and all component assembly
are recommended to be performed in ESD protected area.
Note: Pad coordinates measured from the left bottom corner of the chip to the center of the pads. The
coordinates may vary depending on sawing width and location, however, distances between pads are accurate.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Unit
Note
Supply Voltage
VDD - VSS
-0.3
6.0
V
Input Voltage
VIN
VSS -0.3
VDD + 0.3
V
1)
Power Dissipation (max)
PMAX
100
mW
Storage Temperature
TST
-55
150
oC
Latch-Up Current Limit
ILUT
±100
mA
Note: Stresses beyond the values listed may cause a permanent damage to the device. The device may not
operate under these conditions, but it will not be destroyed.
Note: This is a CMOS device and therefore it should be handled carefully to avoid any damage by static
voltages (ESD).
Note 1: Not valid for programming pin PV
RECOMMENDED OPERATION CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VDD
2.5
2.8
5.5
V
Operating Temperature
TOP
-40
+85
oC
ELECTRICAL CHARACTERISTICS
(recommended operation conditions)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Operating Frequency
fOP
200
MHz
Capacitance Range
COUT
3.3
34.3
pF
1)
Supply Current
ICC
0.3
10
µ
A
2)
Note 1: Capacitance values are typical and may vary ± 25% due to the IC process variation. Capacitance range
guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com