Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6285 Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS6285
Description  IC FOR XO TRIMMING
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6285 Datasheet(HTML) 5 Page - Micro Analog systems

  MAS6285 Datasheet HTML 1Page - Micro Analog systems MAS6285 Datasheet HTML 2Page - Micro Analog systems MAS6285 Datasheet HTML 3Page - Micro Analog systems MAS6285 Datasheet HTML 4Page - Micro Analog systems MAS6285 Datasheet HTML 5Page - Micro Analog systems MAS6285 Datasheet HTML 6Page - Micro Analog systems MAS6285 Datasheet HTML 7Page - Micro Analog systems MAS6285 Datasheet HTML 8Page - Micro Analog systems MAS6285 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DA6285.002
11 November, 2010
5 (12)
PIN CONFIGURATION (TSOT-6)
1
2
3
5
COUT
VDD
PV
VSS
CLK
85AX
4
6
DA
TSOT-6
85AX = Product version (MAS6285AX, where x = letter or number)
Figure 4. TSOT-6 package.
PIN DESCRIPTION (TSOT-6)
Pin Name
Pin Number
in TSOT-6
Type
Function
COUT
1
O
CDAC Output with Bias Option
VSS
2
G
Power Supply Ground
PV
3
I
Programming Input
CLK
4
I
Serial Bus Clock Input
DA
5
I
Serial Bus Data Input
VDD
6
P
Power Supply Voltage
G = Ground, I = Input, O = Output, P = Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com