Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6285 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS6285
Description  IC FOR XO TRIMMING
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6285 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS6285 Datasheet HTML 1Page - Micro Analog systems MAS6285 Datasheet HTML 2Page - Micro Analog systems MAS6285 Datasheet HTML 3Page - Micro Analog systems MAS6285 Datasheet HTML 4Page - Micro Analog systems MAS6285 Datasheet HTML 5Page - Micro Analog systems MAS6285 Datasheet HTML 6Page - Micro Analog systems MAS6285 Datasheet HTML 7Page - Micro Analog systems MAS6285 Datasheet HTML 8Page - Micro Analog systems MAS6285 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DA6285.002
11 November, 2010
3 (12)
Note 2: Minimum supply current is drawn when all bits are programmed as “0”. Maximum supply current is
drawn when all bits are left unprogrammed “1”.
IC OUTLINES
Figure 2. IC outline of MAS6285.
Note 1: MAS6285 pads are round with 80 µm diameter at opening.
Note 2: Pins PV, CLK and DA must not be connected in XO module end-user application.
APPLICATION
Figure 3. Typical application for MAS6285.
XOUT
XIN
X'Tal
VC
DA
CLK
PV
VSS
VDD
COUT
Digital
6
3
2
MAS6285
OUT
VCXO
PV
CLK
DA
COUT
VSS
VDD
MAS6285
760 um
Die map reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com