Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6285 Datasheet(PDF) 10 Page - Micro Analog systems

Part # MAS6285
Description  IC FOR XO TRIMMING
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6285 Datasheet(HTML) 10 Page - Micro Analog systems

Back Button MAS6285 Datasheet HTML 4Page - Micro Analog systems MAS6285 Datasheet HTML 5Page - Micro Analog systems MAS6285 Datasheet HTML 6Page - Micro Analog systems MAS6285 Datasheet HTML 7Page - Micro Analog systems MAS6285 Datasheet HTML 8Page - Micro Analog systems MAS6285 Datasheet HTML 9Page - Micro Analog systems MAS6285 Datasheet HTML 10Page - Micro Analog systems MAS6285 Datasheet HTML 11Page - Micro Analog systems MAS6285 Datasheet HTML 12Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
DA6285.002
11 November, 2010
10 (12)
SOLDERING INFORMATION (QFN-6)
N For Lead-Free / RoHS Compliant Green QFN
Resistance to Soldering Heat
According to RSH test IEC 68-2-58/20
Maximum Temperature
260°C
Maximum Number of Reflow Cycles
3
Reflow profile
Thermal profile parameters stated in IPC/JEDEC J-STD-020
should not be exceeded. http://www.jedec.org
Lead Finish
7.62 - 25.4 µm, Matte Tin
EMBOSSED TAPE SPECIFICATIONS (QFN-6)
Dimension
Min/Max
Unit
Ao
2.30
±0.05
mm
Bo
2.30
±0.05
mm
Do
1.50 +0.1/-0.0
mm
E
1.75
±0.10
mm
F
3.50
±0.05
mm
Ko
1.00
±0.05
mm
Po
4.0
mm
P1
4.0
±0.10
mm
P2
2.0
±0.05
mm
T
0.254
±0.02
mm
W
8.00 ±0.3/-0.1
mm
User Direction of Feed
W
PO
P1
X
X
E
F
T
B0
K0
P2
A0
DO
10 MAX
O
Detail X-X
Pin 1 orientation / top view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com