Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6285 Datasheet(PDF) 6 Page - Micro Analog systems

Part # MAS6285
Description  IC FOR XO TRIMMING
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6285 Datasheet(HTML) 6 Page - Micro Analog systems

Back Button MAS6285 Datasheet HTML 2Page - Micro Analog systems MAS6285 Datasheet HTML 3Page - Micro Analog systems MAS6285 Datasheet HTML 4Page - Micro Analog systems MAS6285 Datasheet HTML 5Page - Micro Analog systems MAS6285 Datasheet HTML 6Page - Micro Analog systems MAS6285 Datasheet HTML 7Page - Micro Analog systems MAS6285 Datasheet HTML 8Page - Micro Analog systems MAS6285 Datasheet HTML 9Page - Micro Analog systems MAS6285 Datasheet HTML 10Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DA6285.002
11 November, 2010
6 (12)
PIN CONFIGURATION (QFN-6)
COUT
PV
CLK
DA
VSS
VDD
QFN-6
85X
= Product version (MAS6285X, where X = letter or number)
ZZZ = MAS lot number (3 last digit)
Figure 5. QFN-6 package.
PIN DESCRIPTION (QFN-6)
Pin Name
Pin Number
in TSOT-6
Type
Function
COUT
1
O
CDAC Output with Bias Option
VSS
2
G
Power Supply Ground
VDD
3
P
Power Supply Voltage
DA
4
I
Serial Bus Data Input
CLK
5
I
Serial Bus Clock Input
PV
6
I
Programming Input
G = Ground, I = Input, O = Output, P = Power
Exposed pad* can be connected to ground or left floating
* see package outline information on page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com