Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6279D8 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS6279D8
Description  IC FOR 5.00 ??64.00 MHz VCTCXO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6279D8 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS6279D8 Datasheet HTML 1Page - Micro Analog systems MAS6279D8 Datasheet HTML 2Page - Micro Analog systems MAS6279D8 Datasheet HTML 3Page - Micro Analog systems MAS6279D8 Datasheet HTML 4Page - Micro Analog systems MAS6279D8 Datasheet HTML 5Page - Micro Analog systems MAS6279D8 Datasheet HTML 6Page - Micro Analog systems MAS6279D8 Datasheet HTML 7Page - Micro Analog systems MAS6279D8 Datasheet HTML 8Page - Micro Analog systems MAS6279D8 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DA6279D8.001
26 September 2017
2 (12)
BLOCK DIAGRAM
Figure 1. Block diagram of MAS6279D8.
NOISE
FILTER
EEPROM+RO
TEST(3:0)
INF(7:0)
LIN(8:0)
SQ(7:0)
CUB(7:0)
FOUR(7:0)
FIFTH(7:0)
OFS(4:0)
TCXO
CDACC(4:0)
DRV
CDACF(4:0)
DIV
SC
XOPD
NF
PGM
(from
testmux)
CLK
VDD
XOUT
XIN
VSS
DA
VC
TEST
MUX
To all blocks
POLYNOMIAL
f(T) = Ax5+Bx4
+ Cx3+ Dx2+Ex+F
TIN
MOUT
OUT
CDACC
CDACF
f | f/2
VREF
bandgap
Thermal
sensor
XO
core
Buffers+dividers
(Clipped sinewave/
CMOS output)
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com