Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6279D8 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS6279D8
Description  IC FOR 5.00 ??64.00 MHz VCTCXO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6279D8 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS6279D8 Datasheet HTML 1Page - Micro Analog systems MAS6279D8 Datasheet HTML 2Page - Micro Analog systems MAS6279D8 Datasheet HTML 3Page - Micro Analog systems MAS6279D8 Datasheet HTML 4Page - Micro Analog systems MAS6279D8 Datasheet HTML 5Page - Micro Analog systems MAS6279D8 Datasheet HTML 6Page - Micro Analog systems MAS6279D8 Datasheet HTML 7Page - Micro Analog systems MAS6279D8 Datasheet HTML 8Page - Micro Analog systems MAS6279D8 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DA6279D8.001
26 September 2017
3 (12)
ABSOLUTE MAXIMUM RATINGS
All Voltages with Respect to Ground
Parameter
Symbol
Conditions
Min
Max
Unit
Note
Supply Voltage
VDD
-0.3
5.0
V
Voltage Range for All Pins
VIN
-0.3
VDD +0.3
V
Latchup Current Limit
ILUT
For all pins, test
according to
JESD78A.
-100
+100
mA
Junction Temperature
TJ max
+150
oC
Storage Temperature
TS
-55
+125
oC
1)
ESD Rating
Human Body Model
(HBM)
±1
kV
Note 1: See EEPROM memory data retention at hot temperature. Storage or bake at hot temperatures will reduce data retention time of
programmed EEPROM bits.
Note: The absolute maximum rating values are stress ratings only. Functional operation of the device at conditions between maximum
operating conditions and absolute maximum ratings is not implied. Exposure to these conditions for extended periods may affect device
reliability (e.g. hot carrier degradation, oxide breakdown). Applying conditions above absolute maximum ratings may be destructive to the
devices.
Note: This is a CMOS device and therefore it should be handled carefully to avoid any damage by static voltages (ESD).
RECOMMENDED OPERATION CONDITIONS
All Voltages with Respect to Ground
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Note
Supply Voltage
VDD
2.6
3.3
3.6
V
Supply Voltage at EEPROM
Programming
VDD
T=+25°C
3.0
3.3
3.6
V
1)
Operating Temperature
TA
-40
+25
+85
°C
Crystal Pulling Sensitivity
S
CL=7.2pF
37
ppm/pF
Crystal Load Capacitance
CL
VC = 1.65V
7.2
pF
Crystal Rs
Rs
20
50
Ω
Note 1: The recommended condition for EEPROM programming is room temperature.
Note: The device performance may deteriorate in the long run if the Recommended Operation Conditions limits are continuously exceeded.
ELECTRICAL CHARACTERISTICS
(recommended operating conditions)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Note
EEPROM size
70
bit
EEPROM data retention
TA = +85 °C
TA = +125 °C
10
24
1
years
Serial Bus (DA/CLK)
Clock Frequency
fCLK
100
kHz
Input High Voltage
(DA/CLK)
VIH
80%
VDD
100%
VDD
V
Input Low Voltage
(DA/CLK)
VIL
0%
VDD
20%
VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com