Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6279D8 Datasheet(PDF) 11 Page - Micro Analog systems

Part # MAS6279D8
Description  IC FOR 5.00 ??64.00 MHz VCTCXO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6279D8 Datasheet(HTML) 11 Page - Micro Analog systems

Back Button MAS6279D8 Datasheet HTML 4Page - Micro Analog systems MAS6279D8 Datasheet HTML 5Page - Micro Analog systems MAS6279D8 Datasheet HTML 6Page - Micro Analog systems MAS6279D8 Datasheet HTML 7Page - Micro Analog systems MAS6279D8 Datasheet HTML 8Page - Micro Analog systems MAS6279D8 Datasheet HTML 9Page - Micro Analog systems MAS6279D8 Datasheet HTML 10Page - Micro Analog systems MAS6279D8 Datasheet HTML 11Page - Micro Analog systems MAS6279D8 Datasheet HTML 12Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DA6279D8.001
26 September 2017
11 (12)
ORDERING INFORMATION
Product Code
Product
Package
MAS6279D8WAD00
IC for VCTCXO
Tested wafer, thickness 370
m
MAS6279D8WAB05
IC for VCTCXO
Tested 180
m thick bare die on tray
MAS6279D8HP06
IC for VCTCXO
DFN-10 3x3x0.75, T&R 3000 pcs / reel, Pb free RoHS
Contact Micro Analog Systems Oy for other wafer and die thickness options.
 Product code details
Product name
Design version
Package type
Delivery format
MAS6279
D8
WAB = 180
m thick tested wafer or bare die
WAD = 370
m thick tested wafer or bare die
HP = DFN-10 3x3x0.75 mm
00 = tested wafer
05 = die tray
06 = T&R 3000 pcs
LOCAL DISTRIBUTOR
MICRO ANALOG SYSTEMS OY CONTACTS
Micro Analog Systems Oy
Kutomotie 16
FI-00380 Helsinki, FINLAND
Tel. +358 10 835 1100
http://www.mas-oy.com
NOTICE
Micro Analog Systems Oy (MAS) reserves the right to make changes to the products contained in this data sheet in order to improve the
design or performance and to supply the best possible products. MAS assumes no responsibility for the use of any circuits shown in this
data sheet, conveys no license under any patent or other rights unless otherwise specified in this data sheet, and makes no claim that the
circuits are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and MAS makes no
claim or warranty that such applications will be suitable for the use specified without further testing or modification.
MAS products are not authorized for use in safety-critical applications (such as life support) where a failure of the MAS product would
reasonably be expected to cause severe personal injury or death. Buyers represent that they have all necessary expertise in the safety and
regulatory ramifications of their applications, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-
related requirements concerning their products and any use of MAS products in such safety-critical applications, notwithstanding any
applications-related information or support that may be provided by MAS. Further, Buyers must fully indemnify MAS and its representatives
against any damages arising out of the use of MAS products in such safety-critical applications.
MAS products are neither designed nor intended for use in military/aerospace applications or environments. Buyers acknowledge and agree
that any such use of MAS products which MAS has not designated as military-grade is solely at the Buyer's risk, and that they are solely
responsible for compliance with all legal and regulatory requirements in connection with such use.
MAS products are neither designed nor intended for use in automotive applications or environments. Buyers acknowledge and agree that, if
they use any non-designated products in automotive applications, MAS will not be responsible for any failure to meet such requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com