Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6279D8 Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS6279D8
Description  IC FOR 5.00 ??64.00 MHz VCTCXO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6279D8 Datasheet(HTML) 4 Page - Micro Analog systems

  MAS6279D8 Datasheet HTML 1Page - Micro Analog systems MAS6279D8 Datasheet HTML 2Page - Micro Analog systems MAS6279D8 Datasheet HTML 3Page - Micro Analog systems MAS6279D8 Datasheet HTML 4Page - Micro Analog systems MAS6279D8 Datasheet HTML 5Page - Micro Analog systems MAS6279D8 Datasheet HTML 6Page - Micro Analog systems MAS6279D8 Datasheet HTML 7Page - Micro Analog systems MAS6279D8 Datasheet HTML 8Page - Micro Analog systems MAS6279D8 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DA6279D8.001
26 September 2017
4 (12)
ELECTRICAL CHARACTERISTICS
TA = -40
oC to +85oC, VDD = 2.6V to 3.6V, Typ TA = 25oC, Typ VDD = 3.3 V, Typ VC = 1.65 V, fXTAL = 26MHz unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Note
Crystal Frequency Range
fXTAL
10.00
64.00
MHz
1)
Output Frequency Range
fo
5.00
64.00
MHz
1)
Voltage Control Range
VC
0
1.65
VDD
V
2)
Voltage Control Sensitivity
VCSENS
5
ppm/V
3)
Voltage Control Linearity
VCLIN
±10
%
4)
Frequency vs. Supply Voltage,
Clipped Sinewave Output
dfo
VDD ± 5%
±0.1
ppm
5)
Frequency vs. Supply Voltage,
CMOS Output
dfo
VDD ± 5%
±0.1
ppm
5)
Frequency vs. Load Change
dfo
±0.1
ppm
6)
Output Voltage (10
kΩ || 10 pF)
Vout
0.8
1.0
Vpp
7)
Output Voltage (15 pF)
Vout
VDD
Vpp
8)
Output Voltage Levels
VOHOUT
0.8*VDD
VDD
8)
VOLOUT
0
0.2*VDD
8)
Rise and Fall Time
3
ns
8)
Duty Cycle
40
50
60
%
Supply Current, Clipped
Sinewave Output
IDD
10 MHz
26 MHz
40 MHz
52.5 MHz
0.9
1.3
2.0
2.5
2.7
2.8
mA
Supply Current, CMOS Output
IDD
10 MHz
26 MHz
40 MHz
52.5 MHz
1.6
1.8
2.8
4.1
6.3
3.6
mA
Compensated Frequency
Stability Over Temperature
dfo
-40 o
C …+85 oC
-20 o
C …+70 oC
0 o
C …+60 oC
±0.28
±0.14
±0.10
ppm
9)
Compensation Range Linear
Part
a1
-0.6
-0.37
-0.1
ppm/K
Compensation Range Inflection
Point
INF
20
28
36
oC
Compensation Range Cubic
Part
a3
105
10-
12/K3
Amplitude Start up Time
TSTART
2
ms
Tri State Output Control Input
Output OFF State (High-Z)
Output ON State
VILDA
VIHDA
DA pin voltage
DA LOW
DA HIGH
0
VDD-0.6
0.55
VDD
V
Note 1: Frequency division by two is selected by EEPROM bit DIV: 0=no division, 1=div by 2. Thus output frequency range is 5-64 MHz.
Note 2: If VC is not needed, it should be left unconnected (floating) and TCXO bit set TCXO=1.
Note 3: Depending on a crystal pulling
Note 4: VC=1.65V ± 1.0V, VDD=3.3V
Note 5: With divider
Note 6: Clipped sinewave output:
10 kΩ || 10 pF ± 10%. CMOS output: 15 pF ± 10%
Note 7: Clipped sinewave output only
Note 8: CMOS output only
Note 9: With proper crystals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com