Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6279D8 Datasheet(PDF) 6 Page - Micro Analog systems

Part # MAS6279D8
Description  IC FOR 5.00 ??64.00 MHz VCTCXO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6279D8 Datasheet(HTML) 6 Page - Micro Analog systems

Back Button MAS6279D8 Datasheet HTML 2Page - Micro Analog systems MAS6279D8 Datasheet HTML 3Page - Micro Analog systems MAS6279D8 Datasheet HTML 4Page - Micro Analog systems MAS6279D8 Datasheet HTML 5Page - Micro Analog systems MAS6279D8 Datasheet HTML 6Page - Micro Analog systems MAS6279D8 Datasheet HTML 7Page - Micro Analog systems MAS6279D8 Datasheet HTML 8Page - Micro Analog systems MAS6279D8 Datasheet HTML 9Page - Micro Analog systems MAS6279D8 Datasheet HTML 10Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DA6279D8.001
26 September 2017
6 (12)
RECOMMENDED CRYSTAL TEMPERATURE CHARACTERISTIC
Crystal cut angle determines crystal’s temperature characteristic. The cut angle can be selected to minimize
crystal’s temperature dependency in the temperature range of interest. Table 1 below shows theoretical AT-cut
crystal cut angles minimizing crystal batch temperature dependency at five different temperature ranges. In the
optimization calculations the inflection temperature of the crystal has been +29°C and cut angle control tolerance
±
0.12’. The cut angle values are in angular minutes (1‘=1/60th of 1°) relative to AT-cut crystal angle 35° 15’.
Table 1. AT-
cut crystal cut angles to minimize crystal’s temperature dependency
Temperature range
AT crystal cut angle
Nominal crystal’s temperature
dependency
0°C…+60°C
1.13’
±1.1ppm (2.2ppm p-p)
-
10°C…+60°C
1.70
’
±2.1ppm (4.2ppm p-p)
-
20°C…+70°C
2.55
’
±3.8ppm (7.6ppm p-p)
-
30°C…+85°C
3.57
’
±6.3ppm (12.6ppm p-p)
-
40°C…+85°C
4.77
’
±9.7ppm (19.8ppm p-p)
Figure 3 below illustrates theoretical temperature characteristic of above five cut angle crystals for different
temperature ranges. The widest temperature range -40°
C…+85°C requires largest cut angle and the narrowest
temperature range 0°
C…+60°C smallest cut angle.
Figure 3. Temperature characteristic of five AT-cut crystals with different cut angles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com