Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6251 Datasheet(PDF) 18 Page - Micro Analog systems

Part # MAS6251
Description  Piezo and LED Driver with Synchronous Boost DC/DC Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6251 Datasheet(HTML) 18 Page - Micro Analog systems

Back Button MAS6251 Datasheet HTML 13Page - Micro Analog systems MAS6251 Datasheet HTML 14Page - Micro Analog systems MAS6251 Datasheet HTML 15Page - Micro Analog systems MAS6251 Datasheet HTML 16Page - Micro Analog systems MAS6251 Datasheet HTML 17Page - Micro Analog systems MAS6251 Datasheet HTML 18Page - Micro Analog systems MAS6251 Datasheet HTML 19Page - Micro Analog systems MAS6251 Datasheet HTML 20Page - Micro Analog systems MAS6251 Datasheet HTML 21Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
DA6251.002
27 October, 2017
18 (21)
DEVICE OUTLINE CONFIGURATION
Top Marking Information:
6251 = Product Number
VVV = Version Number
YWW = Year Week
QFN-16 3.0x3.0x0.75 PIN DESCRIPTION
Pin Name
Pin
Type
Function
Note
RLED
1
AIO
LED current adjustment resistor
ILED
2
AO
LED current sink
GND
3-4
G
Supply ground
VOUT
5-6
AO
Boost DC/DC converter voltage output
PS
7
P
Power save pin
1
VIN
8
P
Positive supply voltage input
SW
9-10
AO
Boost DC/DC converter switch
VOB
11
AO
Piezo driver brass terminal output
VOS
12
AO
Piezo driver silver terminal output
FEED
13
AI
Piezo driver feedback terminal input
DIN
14
DI
DC/DC and Piezo Drive ON (HIGH) / OFF (LOW) control
CTRL
15
DI
LED current sink ON (HIGH) / OFF (LOW) control
FB
16
AI
Boost DC/DC converter output voltage feedback input
EXP_PAD
-
G
Exposed thermal pad connected to GND
2
G = Ground, P = Power, D = Digital, A = Analog, I = Input, O = Output
Note 1: Normally the PS pin is connected to VIN. This offers reduced power consumption as part of electrical charge from piezo load is
transferred back to input. In case the VOUT voltage is below 7V the PS pin should be connected GND for best efficiency. For example when
driving only one or two 3V LEDs the PS pin should be connected to GND. See figure 4.
Note 2: On PCB the exposed thermal pad must be connected to GND plane using thermal vias functioning as thermal heat sink.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com