Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6251 Datasheet(PDF) 10 Page - Micro Analog systems

Part # MAS6251
Description  Piezo and LED Driver with Synchronous Boost DC/DC Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6251 Datasheet(HTML) 10 Page - Micro Analog systems

Back Button MAS6251 Datasheet HTML 6Page - Micro Analog systems MAS6251 Datasheet HTML 7Page - Micro Analog systems MAS6251 Datasheet HTML 8Page - Micro Analog systems MAS6251 Datasheet HTML 9Page - Micro Analog systems MAS6251 Datasheet HTML 10Page - Micro Analog systems MAS6251 Datasheet HTML 11Page - Micro Analog systems MAS6251 Datasheet HTML 12Page - Micro Analog systems MAS6251 Datasheet HTML 13Page - Micro Analog systems MAS6251 Datasheet HTML 14Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
DA6251.002
27 October, 2017
10 (21)
DETAILED DESCRIPTION
MAS6251 operating modes are controlled by DIN and CTRL pins as follows.
Table 1. Operating modes
CONTROL INPUTS
OPERATING MODES
DIN
CTRL
DC/DC
OSC
PIEZO
LED
FB FET
MODE
LOW 1)
LOW 1)
OFF
OFF
OFF 2)
OFF
OFF
SHUTDOWN
LOW 1)
HIGH
ON
OFF
OFF 2)
ON
ON 3)
LED
HIGH
LOW 1)
ON
OFF
ON
OFF
OFF
PIEZO
HIGH
HIGH
ON
OFF
ON
ON
OFF
PIEZO+LED
Note 1: For DIN and CTRL
“LOW” means being low at least max 15ms
Note 2: Piezo
“OFF” is disable mode in which both piezo outputs are pulled to ground (VOB=VOS=GND)
Note 3: Feedback switch between FB and ILED is activated when only LED is driven
Both DIN and CTRL pins have internal pull-down by 400k
Ω which is disabled to save current when the inputs are
pulled high. When selecting DIN=CTRL=GND the device is in shutdown mode and consumes only very small
leakage current.
Capacitor and resistor values
The external CIN and COUT capacitors must be low loss (low ESR) ceramic capacitors. Recommended capacitor
and resistor values are shown in the table 2.
Table 2. Recommended capacitor and resistor values
Capacitor
Nominal value
CIN
10
F
COUT
100nF
CS
470pF
RB
1.5M
RF
200k
Note: the voltage ripple at VOUT output is approximately proportional to ratio of piezo load capacitance (CLOAD) and
boost DC/DC converter output capacitor (COUT). Thus the output ripple can be reduced by choosing output
capacitor value which is much larger relative to piezo capacitance value. However note that large output capacitor
also lengthens output voltage rise time.
In piezo driving mode (DIN=HIGH or switching) the boost DC/DC converter output voltage can be controlled by
external voltage division resistors R1 and R2. See figures 3-4 and 8. The output voltage is regulated to level which
sets the FB feedback pin voltage to 0.4V typically. Table 3 shows example resistors values for different output
voltages. Note that the feedback resistors are not always necessary since when not connected the output voltage
will be regulated to over voltage protection (OVP) voltage 17.5V typically. See figures 1-2 and 5-7. When driving
only LEDs (CTRL=HIGH or PWM signal, DIN=LOW) the maximum output voltage (VOUT) is limited to OVP voltage
regardless of the FB pin connection.
Table 3. Feedback resistor (R1, R2) and DC/DC boost output voltage (VOUT) examples
R1
[kΩ]
R2 [M
Ω]
VOUT [V]
200
4.3
9
150
3.6
10
162
4.7
12
274
10
15
-
-
17.5
Note: VOUT=VFB*(1+R2/R1), VFB=0.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com