Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6251 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS6251
Description  Piezo and LED Driver with Synchronous Boost DC/DC Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6251 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS6251 Datasheet HTML 1Page - Micro Analog systems MAS6251 Datasheet HTML 2Page - Micro Analog systems MAS6251 Datasheet HTML 3Page - Micro Analog systems MAS6251 Datasheet HTML 4Page - Micro Analog systems MAS6251 Datasheet HTML 5Page - Micro Analog systems MAS6251 Datasheet HTML 6Page - Micro Analog systems MAS6251 Datasheet HTML 7Page - Micro Analog systems MAS6251 Datasheet HTML 8Page - Micro Analog systems MAS6251 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
DA6251.002
27 October, 2017
1 (21)
MAS6251
Piezo and LED Driver with Synchronous
Boost DC/DC Converter
• Both Single Ended and Differential Output
• Up to 35Vpp Output from min 1.2V Supply
• Self-Drive for 3-Terminal Piezo
• LED Driver
• High Efficiency
• External Schottky Diode Not Needed
• Small 0806 Size 2.2H Inductor
DESCRIPTION
MAS6251 is a piezo and LED driver device that can
drive piezo outputs up to 35Vpp and sink up to 15mA
LED current using wide range of supply voltage
1.2V…5.5V. An internal high efficiency DC/DC boost
converter with adjustable output voltage generates up
to 17.5V supply voltage for the piezo driver. Internal
over voltage protection (OVP) allows also operating
without
external
feedback
resistors
and
when
connecting FB feedback pin to GND. This configuration
reduces external part count further and provides
highest output voltage 17.5V typically.
MAS6251 uses synchronous type boost DC/DC
converter
which makes external
Schottky diode
unnecessary. Thus MAS6251 is a low part count and
low-cost solution for a high sound pressure piezo
driver.
Two piezo driver outputs (VOB, VOS) allow driving
piezo in both single-ended and differential bridge-tied
load (BTL) configurations. MAS6251 supports self-
drive of a 3-terminal piezo.
The piezo driver is activated by setting DIN pin to logic
high (DIN>0.9V). When disabled (logic low DIN<0.4V)
the piezo driver outputs (VOB, VOS) are pulled actively
to ground (GND).
MAS6251 has ILED pin for sinking up to 15mA current
from series connected LEDs. The current sink is
enabled by setting CTRL pin to logic high (CTRL>0.9V)
which can be also controlled by PWM signal in LED
dimming purposes. The DC/DC converter is turned on
if either one of DIN or CTRL is at logic high (>0.9V).
The boost DC/DC converter and piezo driver disable
signal (shutdown mode) will be generated while the
signal at DIN and CTRL has been at low mostly for
15ms.
MAS6251 is available in a small 3x3x0.75 mm QFN-16
package.
FEATURES
APPLICATIONS
• Thin 3x3x0.75 mm QFN-16 package
• Wide Supply Voltage Range 1.2V…5.5V
• Both Single Ended and Differential Output
• Self-Drive for 3-Terminal Piezo
• Up to 15mA LED Driver
• External Schottky Diode Not Needed
• Small 0806 Size 2.2H Inductor
• Low External Part Count
• Over Voltage Protection (OVP)
• Piezo Buzzers
• Smoke Alarms
• White Goods
• Alarm Clocks
• Handheld GPS devices
• Portable Devices with Sound Feature


Similar Part No. - MAS6251

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6250 MAS-MAS6250 Datasheet
1Mb / 24P
Piezo and LED Driver with Synchronous
MAS6250BA2Q1306 MAS-MAS6250BA2Q1306 Datasheet
1Mb / 24P
Piezo and LED Driver with Synchronous
More results

Similar Description - MAS6251

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3931 NSC-LP3931 Datasheet
399Kb / 17P
Dual RGB LED Driver with High Current Boost DC-DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3602 FOSLINK-FSP3602 Datasheet
176Kb / 5P
SYNCHRONOUS BOOST DC/DC CONVERTER
logo
Linear Technology
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
logo
fujitsu semiconductor
MB39C326 FUJITSU-MB39C326 Datasheet
1Mb / 2P
6MHz Synchronous Buck Boost DC/DC Converter
logo
Rohm
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
White LED Driver with Synchronous Boost Converter
BU33UV7NUX ROHM-BU33UV7NUX Datasheet
1Mb / 24P
Synchronous Boost DC/DC Converter
logo
Micro Analog systems
MAS6250 MAS-MAS6250 Datasheet
1Mb / 24P
Piezo and LED Driver with Synchronous
logo
Bright Power Semiconduc...
BP1808 BPS-BP1808 Datasheet
309Kb / 2P
Boost, Buck and Buck-Boost DC/DC LED Driver
logo
Maxim Integrated Produc...
MAX25610A MAXIM-MAX25610A Datasheet
1Mb / 24P
Synchronous Buck and Buck-Boost LED Driver/DC-DC Converter
Rev 5; 4/19
logo
Shenzhen Huazhimei Semi...
HM6385 HMSEMI-HM6385 Datasheet
1Mb / 8P
Synchronous boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com