Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6251 Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS6251
Description  Piezo and LED Driver with Synchronous Boost DC/DC Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6251 Datasheet(HTML) 5 Page - Micro Analog systems

  MAS6251 Datasheet HTML 1Page - Micro Analog systems MAS6251 Datasheet HTML 2Page - Micro Analog systems MAS6251 Datasheet HTML 3Page - Micro Analog systems MAS6251 Datasheet HTML 4Page - Micro Analog systems MAS6251 Datasheet HTML 5Page - Micro Analog systems MAS6251 Datasheet HTML 6Page - Micro Analog systems MAS6251 Datasheet HTML 7Page - Micro Analog systems MAS6251 Datasheet HTML 8Page - Micro Analog systems MAS6251 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
DA6251.002
27 October, 2017
5 (21)
ELECTRICAL CHARACTERISTICS
TA = -40°C to +85°C, typical values at TA = 27°C, VIN = 3.0 V, L = 2.2 H, CIN = 10 F, COUT = 100 nF, CLOAD = 15 nF, fPIEZO = 3.8 kHz;
unless otherwise specified
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Boost DC/DC Converter
Switch ON-Resistance
RDS(ON)_LS
Low side switch
VIN=3V, VOUT=15V, TA = 27°C
0.55
1.0
RDS(ON)_HS
High side switch
VIN=3V, VOUT=15V, TA = 27°C
1.1
2.5
DC/DC Converter
Startup-Up Time
tSTART-UP
VOUT=10V (R2/R1=24)
VIN=3.0V
VIN=1.2V
200
340
µs
Output Rise/Fall Time
tSLEW
VIN=3V, VOUT=10V (R2/R1=24)
VOB: CLOAD=15nF
VOB-VOS: CLOAD=15nF
VOB: CLOAD=75nF, COUT=470nF
VOB-VOS: CLOAD=75nF, COUT=470nF
10
20
50
100
µs
Shutdown Delay
tOFF
Time before device off mode after both
DIN and CTRL have gone to LOW
7
10
15
ms
Control Input Threshold
VIH
DIN and CTRL pins. Note 1
0.9
V
VIL
DIN and CTRL pins
0.4
V
Control Input Current
IIH
DIN, CTRL = 3V
DIN, CTRL = 0.4V. Note 2
0.01
1
1
µA
IIL
DIN, CTRL = 0V
0.01
1
µA
Note 1: Control inputs can be driven even from low supply voltage controller due to low 0.9V VIH min threshold.
Note 2: DIN and CTRL pins have active pull-down by 400k
Ω which disabled to save current when inputs are pulled high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com