Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6251 Datasheet(PDF) 11 Page - Micro Analog systems

Part # MAS6251
Description  Piezo and LED Driver with Synchronous Boost DC/DC Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6251 Datasheet(HTML) 11 Page - Micro Analog systems

Back Button MAS6251 Datasheet HTML 7Page - Micro Analog systems MAS6251 Datasheet HTML 8Page - Micro Analog systems MAS6251 Datasheet HTML 9Page - Micro Analog systems MAS6251 Datasheet HTML 10Page - Micro Analog systems MAS6251 Datasheet HTML 11Page - Micro Analog systems MAS6251 Datasheet HTML 12Page - Micro Analog systems MAS6251 Datasheet HTML 13Page - Micro Analog systems MAS6251 Datasheet HTML 14Page - Micro Analog systems MAS6251 Datasheet HTML 15Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
DA6251.002
27 October, 2017
11 (21)
Note that use of external VOUT adjusting feedback resistors increases shutdown current by amount of IEXT_FB =
VIN/(R1+R2) since VOUT follows VIN voltage when the device is in shutdown. To keep the shutdown current low
the external feedback resistance (R1+R2) path should be kept near 10M
 level. For good feedback regulation the
max R1 should not exceed 400k
.
When driving LEDs they are connected in series from VOUT to ILED which is the current sink pin. Additionally LED
current setting resistor RLED needs to be connected from RLED pin to GND. See figures 4-6. The table 4 shows
example RLED resistor values and corresponding LED current levels. Additionally PWM signal can be applied to
the CTRL pin for LED dimming to reduce average LED current from level defined with the RLED resistor.
Table 4. LED current setting resistor examples
RLED
[
Ω]
ILED
[mA]
40.2
5.0
20
10.0
13.3
15.0
Note: ILED=VRLED/RLED, VRLED=0.2V typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com