Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6250 Datasheet(PDF) 19 Page - Micro Analog systems

Part # MAS6250
Description  Piezo and LED Driver with Synchronous
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6250 Datasheet(HTML) 19 Page - Micro Analog systems

Back Button MAS6250 Datasheet HTML 15Page - Micro Analog systems MAS6250 Datasheet HTML 16Page - Micro Analog systems MAS6250 Datasheet HTML 17Page - Micro Analog systems MAS6250 Datasheet HTML 18Page - Micro Analog systems MAS6250 Datasheet HTML 19Page - Micro Analog systems MAS6250 Datasheet HTML 20Page - Micro Analog systems MAS6250 Datasheet HTML 21Page - Micro Analog systems MAS6250 Datasheet HTML 22Page - Micro Analog systems MAS6250 Datasheet HTML 23Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
DA6250.007
13 April, 2018
19 (24)
Figure 23. DC/DC converter output drive capability for a resistive loading at VOUT=15V (R2/R1=36.5) regulation
The figure 23 shows minimum supply (VIN) and maximum output (VOUT) voltage operating ranges at different
resistive loading as follows.
RLOAD=1k
Ω: VIN MIN=2.4V @ VOUT=15V and VIN MIN=1.5V @ VOUT=12V
RLOAD=1.5k
Ω: VIN MIN=1.8V @ VOUT=15V and VIN MIN=1.3V @ VOUT=12.5V
RLOAD=3k
Ω: VIN MIN=1.3V @ VOUT=15V and VIN MIN=1.2V @ VOUT=14.5V
RLOAD=10k
Ω: VIN MIN=1.2V @ VOUT=15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com