Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6250 Datasheet(PDF) 12 Page - Micro Analog systems

Part # MAS6250
Description  Piezo and LED Driver with Synchronous
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6250 Datasheet(HTML) 12 Page - Micro Analog systems

Back Button MAS6250 Datasheet HTML 8Page - Micro Analog systems MAS6250 Datasheet HTML 9Page - Micro Analog systems MAS6250 Datasheet HTML 10Page - Micro Analog systems MAS6250 Datasheet HTML 11Page - Micro Analog systems MAS6250 Datasheet HTML 12Page - Micro Analog systems MAS6250 Datasheet HTML 13Page - Micro Analog systems MAS6250 Datasheet HTML 14Page - Micro Analog systems MAS6250 Datasheet HTML 15Page - Micro Analog systems MAS6250 Datasheet HTML 16Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
DA6250.007
13 April, 2018
12 (24)
DETAILED DESCRIPTION
MAS6250 operating modes are controlled by ROSC, DIN and CTRL pins as follows.
Table 1. Operating modes
CONTROL INPUTS
OPERATING MODES
ROSC
DIN
CTRL
DC/DC
OSC
PIEZO
LED
FB FET
PIEZO DRIVE
MODE
VIN
LOW 2)
LOW 2)
OFF
OFF
OFF 4)
OFF
OFF
EXTERNAL
SHUTDOWN
VIN
LOW 2)
HIGH
ON
OFF
OFF 4)
ON
ON 5)
EXTERNAL
LED
VIN
HIGH 3)
LOW 2)
ON
OFF
ON 1)
OFF
OFF
EXTERNAL
PIEZO
VIN
HIGH 3)
HIGH
ON
OFF
ON 1)
ON
OFF
EXTERNAL
PIEZO+LED
ROSC 6)
LOW 2)
LOW 2)
OFF
OFF
OFF 4)
OFF
OFF
SELF
SHUTDOWN
ROSC 6)
LOW 2)
HIGH
ON
OFF
OFF 4)
ON
ON 5)
SELF
LED
ROSC 6)
HIGH
LOW 2)
ON
ON
ON
OFF
OFF
SELF
PIEZO
ROSC 6)
HIGH
HIGH
ON
ON
ON
ON
OFF
SELF
PIEZO+LED
Note 1: In external drive mode the piezo outputs are enabled after two rising edges appeared at DIN
Note 2: For DIN and CTRL
“LOW” means being low at least max 15ms
Note 3: For DIN the “HIGH” corresponds to logic high level or pulsed signal at minimum 200Hz frequency
Note 4: Piezo
“OFF” is disable mode in which both piezo outputs are pulled to ground (VOP=VON=GND)
Note 5: Feedback switch between FB and ILED is activated when only LED is driven
Note 6: SELF drive mode selected by connecting frequency adjustment resistor from ROSC pin to GND.
Both DIN and CTRL pins have internal pull-down by 400k
Ω which is disabled to save current when the inputs are
pulled high. When selecting DIN=CTRL=GND the device is in shutdown mode and consumes only very small
leakage current.
The ROSC pin state selects between external drive and self-drive modes. In external drive mode (ROSC=VIN)
the internal oscillator is always disabled (off). In self-drive mode (frequency adjustment resistor connected from
ROSC pin to GND) the oscillator is enabled (on) when the DIN is set high.
In external drive mode (ROSC=VIN) the DIN pin can be used to control boost DC/DC converter on (DIN=HIGH)
and off (DIN=GND) while keeping driver outputs (VOP, VON) disabled. When disabled the driver outputs are at
GND state. The DC/DC converter is turned on by setting DIN=HIGH. By setting DIN=LOW turns off the DC/DC
converter after max 15 ms shutdown delay. This is useful operating mode when using MAS6250 just as DC/DC
power supply (see figure 12).
To drive piezo in external drive mode (ROSC=VIN) pulses need to be applied to the DIN pin at the desired signal
frequency. The rising edge of the first DIN pulse turns on the DC/DC converter but the piezo driver outputs (VOP,
VON) are enabled only at rising edge of the second DIN pulse as illustrated in figure 13. The piezo driver outputs
are disabled and DC/DC converter is turned off after keeping DIN=LOW for typ 10ms as illustrated in figure 14.
Again when new pulses are fed into DIN the charge pump and piezo driver will be enabled. In self-drive mode
(ROSC=VIN) the internal oscillator will provide the necessary pulses to enable piezo driver outputs and drive
audio frequency signal to the piezo.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com