Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6250 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS6250
Description  Piezo and LED Driver with Synchronous
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6250 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS6250 Datasheet HTML 1Page - Micro Analog systems MAS6250 Datasheet HTML 2Page - Micro Analog systems MAS6250 Datasheet HTML 3Page - Micro Analog systems MAS6250 Datasheet HTML 4Page - Micro Analog systems MAS6250 Datasheet HTML 5Page - Micro Analog systems MAS6250 Datasheet HTML 6Page - Micro Analog systems MAS6250 Datasheet HTML 7Page - Micro Analog systems MAS6250 Datasheet HTML 8Page - Micro Analog systems MAS6250 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
DA6250.007
13 April, 2018
3 (24)
RECOMMENDED OPERATING CONDITIONS
All voltages with respect to ground.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operating Supply Voltage
VIN
Note 1
1.2
3.0
5.5
V
Steady State Operating
Output Voltage
VOUT
Note 2
VIN+1V
V
Operating Ambient
Temperature
TA
Note 3
-40
+27
+85
°C
Operating Junction
Temperature
TJ
Note 4
-40
+125
°C
Thermal Shutdown
Temperature
TTSD
Rising temperature (device off)
Falling temperature (device on)
+140
+125
+150
+135
+160
+145
°C
Inductor Specification
L
Shielded inductor
Note 5
1.5
2.2
3
H
IRATED
L=2.2
H
500
600
mA
RDC
L=2.2
H
0.18
0.5
Ω
Peak Inductor Current
IL_PEAK
VIN=3.0V, VOUT=15V, L=2.2
H
480
mA
Piezo Input Signal
Frequency
FDIN
0.2
10
kHz
LED PWM Dimming
Signal
FCTRL
CTRL signal frequency
150
3000
Hz
tON_CTRL
CTRL signal ON-time
30
µs
Note 1: Achieving minimum operating supply voltage 1.2V requires a low loss inductor. See note 5 for two low loss inductor examples.
When driving LEDs or resistive load the minimum supply voltage can be higher than specified here. See figures 20-22 for output current
drive capability at LED and resistive loading.
Note 2: For stable start-up and good output regulation the steady state output voltage (VOUT) should meet following condition;
VOUT≥VIN+1V. When driving one or two LEDs the output voltage may not satisfy this requirement but depending on input voltage. In this
case there can be added resistor in series with LED(s) to rise output voltage above the minimum requirement.
Note 3: Ambient temperature plus self-heating should not exceed +125°C in extended periods of time to not degrade EEPROM memory
data retention time. Additionally user has to note that the on chip thermal shutdown feature can turn off the device at minimum +140°C rising
temperature point.
Note 4: On chip EEPROM memory storing factory trimming values has data retention of minimum 10 years at +125°C.
Note 5: For small PCB footprint a 2x1.6x0.7mm (0806) size 2.2
H inductor is available from Murata (LQM2MPN2R2MEH#). For high
efficiency a 3x3x1.2mm size 2.2µH inductor is available from Taiyo Yuden (NR3012T2R2M).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com