Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6250 Datasheet(PDF) 20 Page - Micro Analog systems

Part # MAS6250
Description  Piezo and LED Driver with Synchronous
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6250 Datasheet(HTML) 20 Page - Micro Analog systems

Back Button MAS6250 Datasheet HTML 16Page - Micro Analog systems MAS6250 Datasheet HTML 17Page - Micro Analog systems MAS6250 Datasheet HTML 18Page - Micro Analog systems MAS6250 Datasheet HTML 19Page - Micro Analog systems MAS6250 Datasheet HTML 20Page - Micro Analog systems MAS6250 Datasheet HTML 21Page - Micro Analog systems MAS6250 Datasheet HTML 22Page - Micro Analog systems MAS6250 Datasheet HTML 23Page - Micro Analog systems MAS6250 Datasheet HTML 24Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
DA6250.007
13 April, 2018
20 (24)
PRINTED CIRCUIT BOARD (PCB) LAYOUT CONSIDERATIONS
In PCB layout design the input (CIN) and output (COUT) capacitors should be placed as close to the MAS6250
(U1) as possible and routed with low inductance connection to ground plane. See figure 24 below for a PCB layout
example of figure 3 application circuit which includes output voltage adjustment resistors R1 and R2.
Figure 24. PCB layout example
Table 6. PCB layout example component details
Ref
Manuf. part
Value
Rating
Case
inch (metric)
Dimensions
(LxWxT)
U1
MAS6250BA2Q13
MAS6250
QFN-16 3x3
3.0x3.0x0.75 mm
CIN
GRM188R60J106KE47D
10
F
6.3V (X5R)
0603 (1608)
1.6x0.8x0.9 mm
COUT
C0603X5R1E104K030BB
100nF
25V (X5R)
0201 (0603)
0.6x0.3x0.3 mm
L1
LQM2MPN2R2MEH
2.2
H
0.7A (Isat)
0806 (2016)
2.0x1.6x0.7 mm
R1
274k
0201 (0603)
0.6x0.3 mm
R2
10M
0201 (0603)
0.6x0.3 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com