Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6250 Datasheet(PDF) 10 Page - Micro Analog systems

Part # MAS6250
Description  Piezo and LED Driver with Synchronous
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6250 Datasheet(HTML) 10 Page - Micro Analog systems

Back Button MAS6250 Datasheet HTML 6Page - Micro Analog systems MAS6250 Datasheet HTML 7Page - Micro Analog systems MAS6250 Datasheet HTML 8Page - Micro Analog systems MAS6250 Datasheet HTML 9Page - Micro Analog systems MAS6250 Datasheet HTML 10Page - Micro Analog systems MAS6250 Datasheet HTML 11Page - Micro Analog systems MAS6250 Datasheet HTML 12Page - Micro Analog systems MAS6250 Datasheet HTML 13Page - Micro Analog systems MAS6250 Datasheet HTML 14Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
DA6250.007
13 April, 2018
10 (24)
Figure 9. Self-drive mode with 15V DC/DC output driving piezo in differential configuration by VDD on/off
control
Figure 10. Self-drive mode driving piezo and two series 10mA LEDs by DIN and CTRL controls
Normally the PS pin is connected to VIN. In case the VOUT voltage is below 7V the PS pin should be connected
GND for best efficiency. For example when driving only one or two 3V LEDs the PS pin should be connected to
GND. See figure 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com