Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6241 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS6241
Description  Piezo Driver with 3x Charge Pump
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6241 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS6241 Datasheet HTML 1Page - Micro Analog systems MAS6241 Datasheet HTML 2Page - Micro Analog systems MAS6241 Datasheet HTML 3Page - Micro Analog systems MAS6241 Datasheet HTML 4Page - Micro Analog systems MAS6241 Datasheet HTML 5Page - Micro Analog systems MAS6241 Datasheet HTML 6Page - Micro Analog systems MAS6241 Datasheet HTML 7Page - Micro Analog systems MAS6241 Datasheet HTML 8Page - Micro Analog systems MAS6241 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DA6241.005
31 January, 2019
3 (9)
Figure 3. Enable pin controlled single-ended piezo driver - max 9Vpp signal for piezo from 3V supply voltage
Charge pump flying capacitor configurations
The 3x charge pump is configured either to 3x or 2x charge pump operation depending on the flying capacitor
configuration. The 2x operation requires only one flying capacitor (CF) between pins CP2 and CN1. The 3x
operation requires two flying capacitors (CF1, CF2) between CP1 and CN1 and CP2 and CN2 pins respectively.
See figure 4.
Figure 4. 2x and 3x charge pump operation configurations
Piezo drive voltage depends on supply voltage (VIN) and charge pump and piezo load configurations (table 1).
Table 1. Maximum piezo drive voltage [Vpp] at different VIN and charge pump and output load configurations
VIN
2x CHARGE PUMP CONFIG.
3x CHARGE PUMP CONFIG.
SINGLE-ENDED
DIFFERENTIAL
SINGLE-ENDED
DIFFERENTIAL
2.2
4.4
8.8
6.6
13.2
3
6
12
9
18
3.6
7.2
14.4
10.8
21.6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com