Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6241 Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS6241
Description  Piezo Driver with 3x Charge Pump
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6241 Datasheet(HTML) 4 Page - Micro Analog systems

  MAS6241 Datasheet HTML 1Page - Micro Analog systems MAS6241 Datasheet HTML 2Page - Micro Analog systems MAS6241 Datasheet HTML 3Page - Micro Analog systems MAS6241 Datasheet HTML 4Page - Micro Analog systems MAS6241 Datasheet HTML 5Page - Micro Analog systems MAS6241 Datasheet HTML 6Page - Micro Analog systems MAS6241 Datasheet HTML 7Page - Micro Analog systems MAS6241 Datasheet HTML 8Page - Micro Analog systems MAS6241 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DA6241.005
31 January, 2019
4 (9)
Capacitor and resistor values
Capacitors must be ceramic type with low ESR and meeting sufficient minimum voltage ratings. The CIN input, CF1
and CF2 flying capacitors see one VIN voltage and they have minimum 6.3V voltage rating. The COUT capacitor
sees 2 x VIN voltage in 2x configuration and 3 x VIN voltage in 3x configuration. Then the COUT capacitor should
have minimum 9V voltage rating in the 2x configuration and minimum 16V rating in the 3x configuration. See table
2 for recommended capacitor and resistor values.
Table 2. Recommended capacitor and resistor values
Capacitor
Nominal value
Voltage rating
CIN
10
F (min 1F)
min 6.3V
CF1, CF2
100nF
min 6.3V
COUT
100nF
min 9V in 2x configuration
min 16V in 3x configuration
C1
470p
min 9V in 2x configuration
min 16V in 3x configuration
R1
1.5M
R2
200k
Note: Some capacitor dielectric materials such as Y5V have strong voltage dependence. The actual capacitance
value may drop remarkably when operating near rated voltage. In such case the nominal capacitor value should be
chosen larger to compensate the voltage dependence.
The input (CIN), flying (CF1, CF2) and output (COUT) capacitor value selections have influence on output (VOUT)
ripple and disturbances at supply voltage input (VIN). Table 3 shows alternative capacitor value selections in
different applications. In battery operated applications it is recommended to use CIN=10
F which keeps the start-
up inrush current low.
Table 3. Capacitor value selections in different applications
CIN
CF1-2
COUT
Application
1µF
100nF
100nF
Minimum size layout
10µF
100nF
100nF
Low input disturbances
10µF
100nF
1µF
Low input disturbances and low output ripple
Note: the voltage ripple at VOUT output is approximately proportional to ratio of piezo load capacitance (CPIEZO)
and charge pump output capacitor (COUT). Then the output ripple can be reduced by choosing output capacitor
value which is much larger relative to piezo capacitance value. However, note that large output capacitor also
lengthens output voltage rise time and increases inrush current during start-up.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com