Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6241 Datasheet(PDF) 7 Page - Micro Analog systems

Part # MAS6241
Description  Piezo Driver with 3x Charge Pump
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6241 Datasheet(HTML) 7 Page - Micro Analog systems

  MAS6241 Datasheet HTML 1Page - Micro Analog systems MAS6241 Datasheet HTML 2Page - Micro Analog systems MAS6241 Datasheet HTML 3Page - Micro Analog systems MAS6241 Datasheet HTML 4Page - Micro Analog systems MAS6241 Datasheet HTML 5Page - Micro Analog systems MAS6241 Datasheet HTML 6Page - Micro Analog systems MAS6241 Datasheet HTML 7Page - Micro Analog systems MAS6241 Datasheet HTML 8Page - Micro Analog systems MAS6241 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DA6241.005
31 January, 2019
7 (9)
PACKAGE (QFN-12 3X3x0.75) OUTLINE
Symbol
Min
Nom
Max
Unit
PACKAGE DIMENSIONS
A
0.70
0.75
0.80
mm
A1
---
0.02
0.05
mm
b
0.20
0.25
0.30
mm
b2
0.15
0.20
0.25
mm
c
0.18
0.20
0.25
mm
D
2.90
3.00
3.10
mm
D2 (Exposed.pad)
1.55
1.65
1.75
mm
e
0.50 BSC
mm
Ne
1.00 BSC
mm
Nd
1.00 BSC
mm
E
2.90
3.00
3.10
mm
E2 (Exposed.pad)
1.55
1.65
1.75
mm
L
0.35
0.40
0.45
mm
h
0.20
0.25
0.30
mm
Dimensions do not include mold or interlead flash, protrusions or gate burrs.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com