Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6241 Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS6241
Description  Piezo Driver with 3x Charge Pump
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6241 Datasheet(HTML) 5 Page - Micro Analog systems

  MAS6241 Datasheet HTML 1Page - Micro Analog systems MAS6241 Datasheet HTML 2Page - Micro Analog systems MAS6241 Datasheet HTML 3Page - Micro Analog systems MAS6241 Datasheet HTML 4Page - Micro Analog systems MAS6241 Datasheet HTML 5Page - Micro Analog systems MAS6241 Datasheet HTML 6Page - Micro Analog systems MAS6241 Datasheet HTML 7Page - Micro Analog systems MAS6241 Datasheet HTML 8Page - Micro Analog systems MAS6241 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DA6241.005
31 January, 2019
5 (9)
ABSOLUTE MAXIMUM RATINGS
All voltages with respect to ground.
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage
VIN
Charge pump OFF
Charge pump ON
5.5
4.5
V
Output and Flying
Capacitor Pin
Voltages
VOUT, CP1,
CP2, VOS, VOB
-0.3
15
V
CN2
-0.3
13
V
CN1
-0.3
VIN + 0.3
V
Input Pins Voltages
EN
-0.3
VIN + 0.3
V
FEED
-20
30
V
Storage Temperature
-55
+150
°C
Operating Junction
Temperature
TJ
-40
+125
°C
ESD Rating
VHBM
Human Body Model (HBM) (1)
±2000
V
VCDM
Charged Device Model (CDM) (2)
±500
V
Note: Stresses beyond the values listed may cause a permanent damage to the device. The device may not operate under these conditions,
but it will not be destroyed.
Note 1: JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
Note 2: JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
RECOMMENDED OPERATING CONDITIONS
All voltages with respect to ground.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operating Ambient
Temperature
TA
-40
+27
+125
°C
Operating Supply Voltage
VIN
2.2
3.0
3.6
V
Piezo Resonance
Frequency
FPIEZO
2
3.4
5
kHz
ELECTRICAL CHARACTERISTICS
TA = -40°C to +125°C, typical values at TA = +27°C, VIN = 3.0 V, CIN = 10 F, CF1 = CF2 = COUT = 100 nF, CLOAD = 15 nF, fFEED=3.4kHz;
unless otherwise specified
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
VIN = 3.0 V, TA=+27°C
7.2
9
V
Shutdown Current
ISD
EN=low
0.1
1
µA
Current Consumption
IDD
EN=high, VIN=3.0V
Charge Pump (no loading)
2.4
5
mA
EN=high, VIN=3.0V
CLOAD = 15 nF, fFEED = 3.4kHz
5.4
10
mA
EN=high, VIN=3.0V
PKM24SPH3805 piezo, fPIEZO = 3.4kHz
14.2
mA
Internal Switching
Frequency (Charge
Pump)
FOSC
0.6
1.15
1.8
MHz
VOUT Start-Up Time
tON
No piezo loading
Power-up when EN=VDD
Start-up from EN pin control
530
470
1000
1000
µs
EN Input Threshold
VIH (1)
0.9
V
VIL
0.4
V
EN Input Current
IIH (2)
EN = 3V, VIN = 3V
EN = 0.4V
0.01
1
1
2
µA
IIL
EN = 0V, VIN = 3V
0.01
1
µA
Note 1: EN input can be driven even from low supply voltage controller due to low 0.9V VIH min threshold.
Note 2: EN input has active pull-down by 400k
Ω which is disabled to save current when inputs are pulled high.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com