Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6241 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS6241
Description  Piezo Driver with 3x Charge Pump
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6241 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS6241 Datasheet HTML 1Page - Micro Analog systems MAS6241 Datasheet HTML 2Page - Micro Analog systems MAS6241 Datasheet HTML 3Page - Micro Analog systems MAS6241 Datasheet HTML 4Page - Micro Analog systems MAS6241 Datasheet HTML 5Page - Micro Analog systems MAS6241 Datasheet HTML 6Page - Micro Analog systems MAS6241 Datasheet HTML 7Page - Micro Analog systems MAS6241 Datasheet HTML 8Page - Micro Analog systems MAS6241 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DA6241.005
31 January, 2019
1 (9)
MAS6241
Piezo Driver with 3x Charge Pump
• Self-Drive Method
• Differential Output
• Up to 18Vpp Output from 3V
Supply
• High Efficiency
• Solution without Inductors
• Low External Part Count
DESCRIPTION
MAS6241 is a piezo driver device suitable for driving
self-drive type piezoelectric sounder or diaphragm. It
can drive outputs up to 18Vpp from 3V supply. An
internal 3x charge pump generates boosted supply
voltage for piezo driver.
The charge pump and piezo driver are controlled on
and off using enable (EN) input pin.
MAS6241 is an easy and low-cost solution for piezo
driver, since only 4 small value capacitors are needed
in addition to sound element - the use of inductors can
be avoided. The inductorless design also causes
significantly less disturbance to the surrounding circuits
making it an ideal choice for sensitive designs. Its
charge pump switches at 1MHz, allowing to using as
small as 100nF external flying and output capacitors.
The piezo driver has two outputs (VOB, VOS) and one
feedback input (FEED) to drive 3-terminal self-drive
type piezo in bridge tied load (BTL) configuration.
MAS6241 is available in 3x3x0.75 mm size QFN-12
package.
FEATURES
APPLICATIONS
• Self-Drive Method
• Differential Output
• Up to 18Vpp Output from 3V Supply
• Inductorless Low EMI Solution
• 1MHz Switching Frequency
• Low External Part Count
• Thin 3x3x0.75 mm QFN-12 Package
• Piezoelectric Buzzer
• Smoke Alarm
• Alarm Clock
• White Goods
• Portable Device with Sound Feature


Similar Part No. - MAS6241

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6240 MAS-MAS6240 Datasheet
201Kb / 10P
Piezo Driver with Multi-Mode Charge Pump
MAS6240A1HP06 MAS-MAS6240A1HP06 Datasheet
201Kb / 10P
Piezo Driver with Multi-Mode Charge Pump
MAS6240A1HP08 MAS-MAS6240A1HP08 Datasheet
201Kb / 10P
Piezo Driver with Multi-Mode Charge Pump
MAS6240A1TC00 MAS-MAS6240A1TC00 Datasheet
201Kb / 10P
Piezo Driver with Multi-Mode Charge Pump
MAS6240C MAS-MAS6240C Datasheet
221Kb / 11P
Piezo Driver with Multi-Mode Charge Pump
More results

Similar Description - MAS6241

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6240 MAS-MAS6240 Datasheet
201Kb / 10P
Piezo Driver with Multi-Mode Charge Pump
logo
Asahi Kasei Microsystem...
AK7864 AKM-AK7864 Datasheet
217Kb / 12P
3 channel LED driver with Charge Pump
logo
Micro Analog systems
MAS6240C MAS-MAS6240C Datasheet
221Kb / 11P
Piezo Driver with Multi-Mode Charge Pump
logo
SG Micro Corp
SGM3140 SGMICRO-SGM3140 Datasheet
918Kb / 14P
Charge Pump LED Driver
SGM3140B SGMICRO-SGM3140B Datasheet
431Kb / 14P
Charge Pump LED Driver
SGM3141 SGMICRO-SGM3141 Datasheet
385Kb / 14P
Charge Pump LED Driver
SGM3141B SGMICRO-SGM3141B Datasheet
398Kb / 14P
Charge Pump LED Driver
logo
Global Mixed-mode Techn...
G5916 GMT-G5916 Datasheet
42Kb / 1P
Flash LED Driver with 700mA Charge Pump
logo
ELM Technology Corporat...
ELM901FXA ELM-TECH-ELM901FXA Datasheet
1Mb / 11P
Charge Pump LED Driver
logo
Micro Analog systems
MAS6240C MAS-MAS6240C_16 Datasheet
980Kb / 13P
Piezo Driver with Multi-Mode Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com