Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLDA60 Datasheet(PDF) 2 Page - CUI INC

Part # PLDA60
Description  LED DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PLDA60 Datasheet(HTML) 2 Page - CUI INC

  PLDA60 Datasheet HTML 1Page - CUI INC PLDA60 Datasheet HTML 2Page - CUI INC PLDA60 Datasheet HTML 3Page - CUI INC PLDA60 Datasheet HTML 4Page - CUI INC PLDA60 Datasheet HTML 5Page - CUI INC PLDA60 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
cui.com
date 03/13/2015
page 2 of 6
CUI Inc
│ SERIES: PLDA60 │ DESCRIPTION: LED DRIVER
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
127
305
420
Vac
Vdc
frequency
50
60
Hz
current
at 115 Vac, full load
at 230 Vac, full load
0.69
0.32
A
A
inrush current
at 240 Vac, cold start, 25°C, after 100 μs
5
A
leakage current
at 277 Vac
0.75
mA
power factor correction
at 115 Vac/230 Vac, 75~100% load
0.9
no load power consumption
1
W
OUTPUT
parameter
conditions/description
min
typ
max
units
current line regulation
measured from high line to low line at full load
±5
%
current load regulation
measured from min. to max. of constant current
region
±5
%
constant current accuracy
at nominal input and full load
±5
%
switching frequency
60
kHz
start-up time
at 90 Vac
0.5
s
temperature coefficient
±0.05
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
TVS clamp
short circuit protection
hiccup mode, auto recovery
over temperature protection
105
°C
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output, for 1 minute
3,750
Vac
isolation resistance
input to output
100
safety approvals
UL8750, IEC/EN61347-1, IEC/EN61347-2-13, PSE
DALI
IEC62386-102, IEC62386-207
EMI/EMC
FCC Part 15 Class B/EN55015, EN61547, EN61000-4-(2,3,4,5,6,8,11),
EN61000-3-2 Harmonic Class C, EN61000-3-3
MTBF
as per MIL-HDBK-217F, at 25°C
200,000
hours
RoHS
2011/65/EU
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curves
-40
70
°C
storage temperature
-40
85
°C
operating altitude
3,000
m
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com