Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLDA60 Datasheet(PDF) 5 Page - CUI INC

Part # PLDA60
Description  LED DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PLDA60 Datasheet(HTML) 5 Page - CUI INC

  PLDA60 Datasheet HTML 1Page - CUI INC PLDA60 Datasheet HTML 2Page - CUI INC PLDA60 Datasheet HTML 3Page - CUI INC PLDA60 Datasheet HTML 4Page - CUI INC PLDA60 Datasheet HTML 5Page - CUI INC PLDA60 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
cui.com
date 03/13/2015
page 5 of 6
CUI Inc
│ SERIES: PLDA60 │ DESCRIPTION: LED DRIVER
Note:
1. All specifications are measured at Ta=25°C, 115/230 Vac input voltage, and full load unless otherwise specified.
1. Dimming
Dimming should be controlled from the dimming controller with DALI, PWM, 1~10 Vdc, or resistive. Set the DALI controller to
“broadcast mode” when connecting to the LED driver, since it will not be addressed in production.
APPLICATION NOTES
+Vo
(RED)
LED DRIVER
Dimming Controller
ACL (BLACK)
AC
ACN (WHITE)
-Vo
(BLACK)
D+/DA
(BLUE)
D-/DA
(WHITE)
Potentiometer Dimming
1~10 Vdc Dimming
PWM Dimming (@ 1kHz, 10V)
Potentiometer
1K
2K
3K
4K
5K
6K
7K
8K
9K
10K (Open)
Output Current
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Voltage
1V
2V
3V
4V
5V
6V
7V
8V
9V
10V (Open)
Output Current
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Duty Cycle
10%
20%
30%
40%
50%
60%
70%
80%
90%
100% (Open)
Output Current
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com