Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLDA60 Datasheet(PDF) 4 Page - CUI INC

Part # PLDA60
Description  LED DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PLDA60 Datasheet(HTML) 4 Page - CUI INC

  PLDA60 Datasheet HTML 1Page - CUI INC PLDA60 Datasheet HTML 2Page - CUI INC PLDA60 Datasheet HTML 3Page - CUI INC PLDA60 Datasheet HTML 4Page - CUI INC PLDA60 Datasheet HTML 5Page - CUI INC PLDA60 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
cui.com
date 03/13/2015
page 4 of 6
CUI Inc
│ SERIES: PLDA60 │ DESCRIPTION: LED DRIVER
DERATING CURVES
EFFICIENCY CURVES
100
80
60
40
20
Ambient Temperature (°C)
Output Current
Output Current
Input Voltage (AC)
70
50
40
20
0
-20
-40
50%
5%
0.90
0.75
1.00
10%
15%
20%
25%
25%
60%70%
80%90%
100%
50%
60%
70%80%
90%
100%
50
60
80
100
Temperature Derating CurveOutput Power Vs. Input Voltage
PF vs. Output Current
THD vs. Output Current
Safe operating area
0.80
0.85
0.95
0.70
45W
50W
55W
60W
65W
90VAC
100VAC1 15VAC2 30VAC277 VAC305VA C
Efficiency vs. Output Current
(PLDA60-D625-277D)
Efficiency vs. Output Current
(PLDA60-D1250-277D)
Efficiency vs. Output Current
(PLDA60-1666-277D)
Efficiency vs. Output Current
(PLDA60-D833-277D)
Efficiency vs. Output Current
(PLDA60-1250-277D)
Efficiency vs. Output Current
(PLDA60-2500-277D)
Output Current
Output Current
Output Current
Output Current
Output Current
Output Current
Output Current
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com