Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLDA60 Datasheet(PDF) 1 Page - CUI INC

Part # PLDA60
Description  LED DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PLDA60 Datasheet(HTML) 1 Page - CUI INC

  PLDA60 Datasheet HTML 1Page - CUI INC PLDA60 Datasheet HTML 2Page - CUI INC PLDA60 Datasheet HTML 3Page - CUI INC PLDA60 Datasheet HTML 4Page - CUI INC PLDA60 Datasheet HTML 5Page - CUI INC PLDA60 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
cui.com
date 03/13/2015
page 1 of 6
SERIES: PLDA60
│ DESCRIPTION: LED DRIVER
FEATURES
• up to 60 W continuous power
• universal input range (90~305 Vac)
• single/dual output
• dimming options: PWM, 1~10 Vdc,
resistive, DALI
• power factor correction ≥ 0.9
• constant current
• low profile for easy installation
• IP67 rated
• over voltage, continuous short circuit,
and over temperature protection
• UL 8750, IEC/EN61347-2-13 approval
• EN61000-3-2 Class C
(harmonic current) approval
• efficiency up to 86%
• suitable for LED lighting and signage
applications
PART NUMBER KEY
PLDA60 - XXXXX - 277XXA
Base Number
Output
“blank” = single
D = dual
Output Current
Input Voltage
277 = (90~305 Vac)
Dimming
PE = PWM, 1~10 Vdc, resistive
D = DALI
“blank” = no dimming
IP Rating
A = IP67
MODEL
output voltage
range1
output
current
output
power
ripple
and noise2
efficiency
min
(Vdc)
max
(Vdc)
(mA)
max
(W)
max
(mVp-p)
typ
(%)
PLDA60-1250-277
9
48
1250
60
480
86
PLDA60-1666-277
9
36
1666
60
360
85
PLDA60-2500-277
9
24
2500
60
240
85
PLDA60-D625-277
9
48
Io1
Io2
625
625
30
30
480
87
PLDA60-D833-277
9
36
Io1
Io2
833
833
30
30
360
85
PLDA60-D1250-277
9
24
Io1
Io2
1250
1250
30
30
240
85
Notes:
1. constant current region
2. ripple and noise are measured at 20MHz bandwidth with a 0.1uF ceramic capacitor and 10uF aluminum capacitor.
For more information, please visit the product page.


Similar Part No. - PLDA60

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PLDA400S-10-P TTELEC-PLDA400S-10-P Datasheet
605Kb / 5P
PLDA400S-10-P Power Supply (400W)
23/07/2020
More results

Similar Description - PLDA60

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
LED DRIVER
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
LED Driver
logo
AIMTEC
AMLB-1810IZ AIMTEC-AMLB-1810IZ Datasheet
338Kb / 3P
LED Driver
AMLDW-6070-RZ AIMTEC-AMLDW-6070-RZ Datasheet
308Kb / 3P
LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com