Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLDA60 Datasheet(PDF) 3 Page - CUI INC

Part # PLDA60
Description  LED DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PLDA60 Datasheet(HTML) 3 Page - CUI INC

  PLDA60 Datasheet HTML 1Page - CUI INC PLDA60 Datasheet HTML 2Page - CUI INC PLDA60 Datasheet HTML 3Page - CUI INC PLDA60 Datasheet HTML 4Page - CUI INC PLDA60 Datasheet HTML 5Page - CUI INC PLDA60 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
cui.com
date 03/13/2015
page 3 of 6
CUI Inc
│ SERIES: PLDA60 │ DESCRIPTION: LED DRIVER
10.709[272.00]
11.102[282.00]
10.315[262.00]
-Vo
+Vo
11.811[300.00]±0.787[20.00]
0.787[20.00]
0.394[10.00]
16AWG Black
22AWG White D-
22AWG Blue D+
16AWG Red
UL 2464 16AWG+22AWG
0.787[20.00]
0.394[10.00]
White
Black ACL
ACN
11.811[300.00]±0.787[20.00]
UL 2464 18AWG
(Optional)
OUTPUT
INPUT
1.575[40.00]
units: inches[mm]
tolerance: ±0.02[±0.5]
unless otherwise specified
DUAL OUTPUT MODELS
10.709[272.00]
11.102[282.00]
10.315[262.00]
-Vo
+Vo
11.811[300.00]±0.787[20.00]
0.787[20.00]
0.394[10.00]
16AWG Black
22AWG White D-
22AWG Blue D+
16AWG Red
UL 2464 16AWG+22AWG
0.787[20.00]
0.394[10.00]
White
Black ACL
ACN
11.811[300.00]±0.787[20.00]
UL 2464 18AWG
0.787[20.00]
0.394[10.00]
Red
Black-Vo
+Vo
11.811[300.00]±0.787[20.00]
UL 2464 16AWG
(Optional)
OUTPUT
INPUT
1.575[40.00]
units: inches[mm]
tolerance: ±0.02[±0.5]
unless otherwise specified
SINGLE OUTPUT MODELS
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
10.315 x 1.575 x 0.992 (262 x 40 x 25.2 mm)
inches
weight
530
g
MECHANICAL DRAWING
INPUT WIRE CONNECTIONS
Color
Function
Black
ACL
White
ACN
INPUT WIRE CONNECTIONS
Color
Function
Black
ACL
White
ACN
OUTPUT WIRE CONNECTIONS
Color
Function
Red
+Vo
Black
-Vo
Blue1
+Dimming (D+/DA+)
White1
-Dimming (D-/DA-)
OUTPUT WIRE CONNECTIONS
Color
Function
Red
+Vo1
Black
-Vo1
Blue1
+Dimming (D+/DA+)
White1
-Dimming (D-/DA-)
Red
+Vo2
Black
-Vo2
Note: 1. wires present on dimming models
only. PE models are marked with “D”,
DALI models are marked with “DA”.
Note: 1. wires present on dimming models
only. PE models are marked with “D”,
DALI models are marked with “DA”.
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com